Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1530DM27R2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1530DM27R2
Description  600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1530DM27R2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1530DM27R2 Datasheet HTML 5Page - ON Semiconductor NCP1530DM27R2 Datasheet HTML 6Page - ON Semiconductor NCP1530DM27R2 Datasheet HTML 7Page - ON Semiconductor NCP1530DM27R2 Datasheet HTML 8Page - ON Semiconductor NCP1530DM27R2 Datasheet HTML 9Page - ON Semiconductor NCP1530DM27R2 Datasheet HTML 10Page - ON Semiconductor NCP1530DM27R2 Datasheet HTML 11Page - ON Semiconductor NCP1530DM27R2 Datasheet HTML 12Page - ON Semiconductor NCP1530DM27R2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP1530
http://onsemi.com
9
(VIN = 3.5 V, VOUT = 2.5 V, ILOAD = 10 mA)
Upper Trace: Output Voltage Ripple, 50 mVac/Div.
Lower Trace: LX Pin Switching Waveform, 2.0 V/Div.
Figure 27. PFM Switching Waveform and
Output Ripple for VOUT = 2.5 V
(VIN = 3.5 V, VOUT = 2.5 V, ILOAD = 80 mA)
Upper Trace: Output Voltage Ripple, 50 mVac/Div.
Lower Trace: LX Pin Switching Waveform, 2.0 V/Div.
Figure 28. DCM PWM Switching Waveform
and Output Ripple for VOUT = 2.5 V
(VIN = 3.5 V, VOUT = 2.5 V, ILOAD = 600 mA)
Upper Trace: Output Voltage Ripple, 50 mVac/Div.
Lower Trace: LX Pin Switching Waveform, 2.0 V/Div.
Figure 29. CCM PWM Switching Waveform
and Output Ripple for VOUT = 2.5 V
(VIN = 4.3 V, VOUT = 3.3 V, ILOAD = 10 mA)
Upper Trace: Output Voltage Ripple, 50 mVac/Div.
Lower Trace: LX Pin Switching Waveform, 2.0 V/Div.
Figure 30. PFM Switching Waveform and
Output Ripple for VOUT = 3.3 V
(VIN = 4.3 V, VOUT = 3.3 V, ILOAD = 50 mA)
Upper Trace: Output Voltage Ripple, 50 mVac/Div.
Lower Trace: LX Pin Switching Waveform, 2.0 V/Div.
Figure 31. DCM PWM Switching Waveform
and Output Ripple for VOUT = 3.3 V
(VIN = 4.3 V, VOUT = 3.3 V, ILOAD = 600 mA)
Upper Trace: Output Voltage Ripple, 50 mVac/Div.
Lower Trace: LX Pin Switching Waveform, 2.0 V/Div.
Figure 32. CCM PWM Switching Waveform
and Output Ripple for VOUT = 3.3 V


Similar Part No. - NCP1530DM27R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530DM27R2 ONSEMI-NCP1530DM27R2 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
More results

Similar Description - NCP1530DM27R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
logo
ELMOS Semiconductor AG
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
   External Adjustable High Efficiency PFM Step-Down Converter
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
   1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com