Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1530DM25R2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1530DM25R2
Description  600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1530DM25R2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1530DM25R2 Datasheet HTML 1Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 2Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 3Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 4Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 5Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 6Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 7Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 8Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP1530
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VIN = VR + 1.0 V, test circuit, refer to Figure 1, CSS = NC and CVREF = 1.0 mF, TA = 25°C for
typical value, 0
°C ≤ TA ≤ 85°C for min/max values unless otherwise noted.) *VR is the factory−programmed output voltage setting.
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage
VIN
1.1 VR
5.0
V
Output Voltage (Iload = 150 mA, VR + 1.0 V < VIN < 5.0 V) (Note 4)
NCP1530DM25R2
NCP1530DM27R2
NCP1530DM30R2
NCP1530DM33R2
VOUT
2.425
2.619
2.910
3.201
2.5
2.7
3.0
3.3
2.575
2.781
3.090
3.399
V
Maximum Output Current (VIN = 5.0 V, VOUT = 3.0 V) (Note 5)
IOUT(max)
600
mA
Supply Current (VIN = VR + 1.0 V, No Load, EN and SYN Pins NC)
IIN
45
95
mA
Shutdown Supply Current (VIN = 5.0 V, No Load, VEN = 0 V)
ISHDN
0.5
1.0
mA
LX Pin Leakage Current (No Load, VEN = 0 V)
ILX
1.0
mA
Internal P−FET ON Resistance at LX Pin
(VIN = VR + 1.0 V, ILoad = 150 mA)
RDS(ON)
0.3
0.5
W
Oscillator Frequency
(VIN = VEN = VR + 1.0 V, ILoad = 100 mA, SYN Pin NC)
fOSC
480
600
720
kHz
Maximum PWM Duty Cycle (Note 5)
DMAX−PWM
100
%
PFM to PWM Switch−Over Current Threshold
(VIN = 4.5 V, SYN Pin NC, L = 5.6 mH, COUT = 22 mF) (Note 5)
NCP1530DM25R2
NCP1530DM27R2
NCP1530DM30R2
NCP1530DM33R2
IPFM−PWM
83
90
100
102
mA
PWM to PFM Switch−Over Current Threshold
(VIN = 4.5 V, SYN Pin NC, L = 5.6 mH, COUT = 22 mF) (Note 5)
NCP1530DM25R2
NCP1530DM27R2
NCP1530DM30R2
NCP1530DM33R2
IPWM−PFM
27
38
39
48
mA
Input Undervoltage Lockout Threshold
VUVLO
2.0
2.45
V
Reference Voltage (VIN = VR + 1.0 V, CVREF = 1.0 mF)
VREF
1.184
1.20
1.216
V
Reference Voltage Temperature Coefficient
(VIN = VR + 1.0 V, CVREF = 1.0 mF) (Note 5)
TCVREF
0.03
mV/
°C
Reference Voltage Load Current
(VIN = VR + 1.0 V, CVREF = 1.0 mF) (Note 6)
IVREF
5.0
mA
Enable Logic High Threshold Voltage (VIN = VR + 1.0 V, ILoad = 0 mA)
VEN−H
1.5
1.85
V
Enable Logic Low Threshold Voltage (VIN = VR + 1.0 V, ILoad = 0 mA)
VEN−L
0.5
1.2
V
PWM Minimum On−Time (Note 5)
tPWM−ON
100
ns
PWM OV Protection Level
%VOV
6.0
12
%
PWM Cycle−by−Cycle Current Limit (Note 5)
ILIM
1.5
A
Built−in Soft−Start Time (VOUT = 3.0 V, SS Pin NC) (Note 5)
tSS
500
ms
Thermal Shutdown Threshold (VIN = 3.5 V, ILoad = 0 mA) (Note 5)
THSHD
145
°C
Thermal Shutdown Hysteresis (VIN = 3.5 V, ILoad = 0 mA) (Note 5)
THHSYS
15
°C
4. Tested at VIN = VR + 1.0 V in production only. Full VIN range guaranteed by design.
5. Parameter guaranteed by design only, not tested in production.
6. Loading capability decreases with VOUT decreases.


Similar Part No. - NCP1530DM25R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530DM25R2 ONSEMI-NCP1530DM25R2 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
More results

Similar Description - NCP1530DM25R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
logo
ELMOS Semiconductor AG
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
   External Adjustable High Efficiency PFM Step-Down Converter
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
   1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com