Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA164P Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA164P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA164P Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA164P_07 Datasheet HTML 6Page - ATMEL Corporation ATMEGA164P_07 Datasheet HTML 7Page - ATMEL Corporation ATMEGA164P_07 Datasheet HTML 8Page - ATMEL Corporation ATMEGA164P_07 Datasheet HTML 9Page - ATMEL Corporation ATMEGA164P_07 Datasheet HTML 10Page - ATMEL Corporation ATMEGA164P_07 Datasheet HTML 11Page - ATMEL Corporation ATMEGA164P_07 Datasheet HTML 12Page - ATMEL Corporation ATMEGA164P_07 Datasheet HTML 13Page - ATMEL Corporation ATMEGA164P_07 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
8011DS–AVR–02/07
ATmega164P/324P/644P
(0x7D)
Reserved
-
-
-
-
-
-
-
-
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
251
(0x7B)
ADCSRB
-ACME
-
-
-
ADTS2
ADTS1
ADTS0
233
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
252
(0x79)
ADCH
ADC Data Register High byte
254
(0x78)
ADCL
ADC Data Register Low byte
254
(0x77)
Reserved
-
-
-
-
-
-
-
-
(0x76)
Reserved
-
-
-
-
-
-
-
-
(0x75)
Reserved
-
-
-
-
-
-
-
-
(0x74)
Reserved
-
-
-
-
-
-
-
-
(0x73)
PCMSK3
PCINT31
PCINT30
PCINT29
PCINT28
PCINT27
PCINT26
PCINT25
PCINT24
69
(0x72)
Reserved
-
-
-
-
-
-
-
-
(0x71)
Reserved
-
-
-
-
-
-
-
-
(0x70)
TIMSK2
-
-
-
-
-
OCIE2B
OCIE2A
TOIE2
155
(0x6F)
TIMSK1
-
-ICIE1
-
-
OCIE1B
OCIE1A
TOIE1
135
(0x6E)
TIMSK0
-
-
-
-
-
OCIE0B
OCIE0A
TOIE0
107
(0x6D)
PCMSK2
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
69
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
69
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
70
(0x6A)
Reserved
-
-
-
-
-
-
-
-
(0x69)
EICRA
-
-
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
66
(0x68)
PCICR
-
-
-
-
PCIE3
PCIE2
PCIE1
PCIE0
68
(0x67)
Reserved
-
-
-
-
-
-
-
-
(0x66)
OSCCAL
Oscillator Calibration Register
39
(0x65)
Reserved
-
-
-
-
-
-
-
-
(0x64)
PRR
PRTWI
PRTIM2
PRTIM0
PRUSART1
PRTIM1
PRSPI
PRUSART0
PRADC
47
(0x63)
Reserved
-
-
-
-
-
-
-
-
(0x62)
Reserved
-
-
-
-
-
-
-
-
(0x61)
CLKPR
CLKPCE
-
-
-
CLKPS3
CLKPS2
CLKPS1
CLKPS0
39
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
58
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
12
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
12
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
12
0x3C (0x5C)
Reserved
-
-
-
-
-
-
-
-
0x3B (0x5B)
RAMPZ
-
-
-
-
-
-
-
RAMPZ0
15
0x3A (0x5A)
Reserved
-
-
-
-
-
-
-
-
0x39 (0x59)
Reserved
-
-
-
-
-
-
-
-
0x38 (0x58)
Reserved
-
-
-
-
-
-
-
-
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
SIGRD
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
277
0x36 (0x56)
Reserved
-
-
-
-
-
-
-
-
0x35 (0x55)
MCUCR
JTD
BODS
BODSE
PUD
-
-
IVSEL
IVCE
78/265
0x34 (0x54)
MCUSR
-
-
-
JTRF
WDRF
BORF
EXTRF
PORF
53/266
0x33 (0x53)
SMCR
-
-
-
-
SM2
SM1
SM0
SE
46
0x32 (0x52)
Reserved
-
-
-
-
-
-
-
-
0x31 (0x51)
OCDR
On-Chip Debug Register
261
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
252
0x2F (0x4F)
Reserved
-
-
-
-
-
-
-
-
0x2E (0x4E)
SPDR
SPI 0 Data Register
165
0x2D (0x4D)
SPSR
SPIF0
WCOL0
-
-
-
-
-SPI2X0
165
0x2C (0x4C)
SPCR
SPIE0
SPE0
DORD0
MSTR0
CPOL0
CPHA0
SPR01
SPR00
163
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
27
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
27
0x29 (0x49)
Reserved
-
-
-
-
-
-
-
-
0x28 (0x48)
OCR0B
Timer/Counter0 Output Compare Register B
107
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare Register A
107
0x26 (0x46)
TCNT0
Timer/Counter0 (8 Bit)
107
0x25 (0x45)
TCCR0B
FOC0A
FOC0B
-
-
WGM02
CS02
CS01
CS00
106
0x24 (0x44)
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
-
-
WGM01
WGM00
107
0x23 (0x43)
GTCCR
TSM
-
-
-
-
-
PSR2
PSR54310
157
0x22 (0x42)
EEARH
-
-
-
-
EEPROM Address Register High Byte
22
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
22
0x20 (0x40)
EEDR
EEPROM Data Register
22
0x1F (0x3F)
EECR
-
-
EEPM1
EEPM0
EERIE
EEMWE
EEWE
EERE
23
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
28
0x1D (0x3D)
EIMSK
-
-
-
-
-
INT2
INT1
INT0
67
0x1C (0x3C)
EIFR
-
-
-
-
-
INTF2
INTF1
INTF0
67
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA164P_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA164P_0702 ATMEL-ATMEGA164P_0702 Datasheet
3Mb / 408P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA164P_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_10 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_08 Datasheet
515Kb / 26P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_1 Datasheet
6Mb / 377P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P_0702 ATMEL-ATMEGA164P_0702 Datasheet
3Mb / 408P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164 ATMEL-ATMEGA164 Datasheet
296Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_09 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA165A ATMEL-ATMEGA165A Datasheet
719Kb / 33P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_09 Datasheet
543Kb / 28P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com