Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90CAN32-16AU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT90CAN32-16AU
Description  Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN32-16AU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT90CAN32-16AU Datasheet HTML 7Page - ATMEL Corporation AT90CAN32-16AU Datasheet HTML 8Page - ATMEL Corporation AT90CAN32-16AU Datasheet HTML 9Page - ATMEL Corporation AT90CAN32-16AU Datasheet HTML 10Page - ATMEL Corporation AT90CAN32-16AU Datasheet HTML 11Page - ATMEL Corporation AT90CAN32-16AU Datasheet HTML 12Page - ATMEL Corporation AT90CAN32-16AU Datasheet HTML 13Page - ATMEL Corporation AT90CAN32-16AU Datasheet HTML 14Page - ATMEL Corporation AT90CAN32-16AU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
7679BS–CAN–11/06
AT90CAN32/64/128
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
(0x7B)
ADCSRB
ACME
ADTS2
ADTS1
ADTS0
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
(0x79)
ADCH
- / ADC9
- / ADC8
- / ADC7
- / ADC6
- / ADC5
- / ADC4
ADC9 / ADC3
ADC8 / ADC2
(0x78)
ADCL
ADC7 / ADC1
ADC6 / ADC0
ADC5 / -
ADC4 / -
ADC3 / -
ADC2 / -
ADC1 / -
ADC0 /
(0x77)
Reserved
(0x76)
Reserved
(0x75)
XMCRB
XMBK
XMM2
XMM1
XMM0
(0x74)
XMCRA
SRE
SRL2
SRL1
SRL0
SRW11
SRW10
SRW01
SRW00
(0x73)
Reserved
(0x72)
Reserved
(0x71)
TIMSK3
ICIE3
OCIE3C
OCIE3B
OCIE3A
TOIE3
(0x70)
TIMSK2
OCIE2A
TOIE2
(0x6F)
TIMSK1
ICIE1
OCIE1C
OCIE1B
OCIE1A
TOIE1
(0x6E)
TIMSK0
OCIE0A
TOIE0
(0x6D)
Reserved
(0x6C)
Reserved
(0x6B)
Reserved
(0x6A)
EICRB
ISC71
ISC70
ISC61
ISC60
ISC51
ISC50
ISC41
ISC40
(0x69)
EICRA
ISC31
ISC30
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
(0x68)
Reserved
(0x67)
Reserved
(0x66)
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
(0x65)
Reserved
(0x64)
Reserved
(0x63)
Reserved
(0x62)
Reserved
(0x61)
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
(0x60)
WDTCR
WDCE
WDE
WDP2
WDP1
WDP0
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
0x3C (0x5C)
Reserved
0x3B (0x5B)
RAMPZ
RAMPZ0
(1)
0x3A (0x5A)
Reserved
0x39 (0x59)
Reserved
0x38 (0x58)
Reserved
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
0x36 (0x56)
Reserved
0x35 (0x55)
MCUCR
JTD
PUD
IVSEL
IVCE
0x34 (0x54)
MCUSR
JTRF
WDRF
BORF
EXTRF
PORF
0x33 (0x53)
SMCR
SM2
SM1
SM0
SE
0x32 (0x52)
Reserved
0x31 (0x51)
OCDR
IDRD/OCDR7
OCDR6
OCDR5
OCDR4
OCDR3
OCDR2
OCDR1
OCDR0
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
0x2F (0x4F)
Reserved
0x2E (0x4E)
SPDR
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
0x2D (0x4D)
SPSR
SPIF
WCOL
SPI2X
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
0x2B (0x4B)
GPIOR2
GPIOR27
GPIOR26
GPIOR25
GPIOR24
GPIOR23
GPIOR22
GPIOR21
GPIOR20
0x2A (0x4A)
GPIOR1
GPIOR17
GPIOR16
GPIOR15
GPIOR14
GPIOR13
GPIOR12
GPIOR11
GPIOR10
0x29 (0x49)
Reserved
0x28 (0x48)
Reserved
0x27 (0x47)
OCR0A
OCR0A7
OCR0A6
OCR0A5
OCR0A4
OCR0A3
OCR0A2
OCR0A1
OCR0A0
0x26 (0x46)
TCNT0
TCNT07
TCNT06
TCNT05
TCNT04
TCNT03
TCNT02
TCNT01
TCNT00
0x25 (0x45)
Reserved
0x24 (0x44)
TCCR0A
FOC0A
WGM00
COM0A1
COM0A0
WGM01
CS02
CS01
CS00
0x23 (0x43)
GTCCR
TSM
PSR2
PSR310
0x22 (0x42)
EEARH
EEAR11
EEAR10
EEAR9
EEAR8
(2)
0x21 (0x41)
EEARL
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
0x20 (0x40)
EEDR
EEDR7
EEDR6
EEDR5
EEDR4
EEDR3
EEDR2
EEDR1
EEDR0
0x1F (0x3F)
EECR
EERIE
EEMWE
EEWE
EERE
0x1E (0x3E)
GPIOR0
GPIOR07
GPIOR06
GPIOR05
GPIOR04
GPIOR03
GPIOR02
GPIOR01
GPIOR00
0x1D (0x3D)
EIMSK
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
0x1C (0x3C)
EIFR
INTF7
INTF6
INTF5
INTF4
INTF3
INTF2
INTF1
INTF0
0x1B (0x3B)
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Comment


Similar Part No. - AT90CAN32-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN32-16AU ATMEL-AT90CAN32-16AU Datasheet
518Kb / 16P
   Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
AT90CAN32-16AU ATMEL-AT90CAN32-16AU Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results

Similar Description - AT90CAN32-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128-15AZ ATMEL-AT90CAN128-15AZ Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
MEGA128CAN ATMEL-MEGA128CAN Datasheet
5Mb / 413P
   Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32 ATMEL-AT90CAN32 Datasheet
518Kb / 16P
   Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
AT90CAN128 ATMEL-AT90CAN128 Datasheet
461Kb / 15P
   8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_12 Datasheet
325Kb / 22P
   Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
598Kb / 23P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_1 Datasheet
6Mb / 408P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com