Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1523BFCT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1523BFCT2G
Description  3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1523BFCT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1523BFCT2G Datasheet HTML 1Page - ON Semiconductor NCP1523BFCT2G Datasheet HTML 2Page - ON Semiconductor NCP1523BFCT2G Datasheet HTML 3Page - ON Semiconductor NCP1523BFCT2G Datasheet HTML 4Page - ON Semiconductor NCP1523BFCT2G Datasheet HTML 5Page - ON Semiconductor NCP1523BFCT2G Datasheet HTML 6Page - ON Semiconductor NCP1523BFCT2G Datasheet HTML 7Page - ON Semiconductor NCP1523BFCT2G Datasheet HTML 8Page - ON Semiconductor NCP1523BFCT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP1523
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS FOR NCP1523
(Typical values are referenced to TA = +25°C, Minimum and Maximum values are referenced −40°C to +85°C ambient temperature,
unless otherwise noted, operating conditions VIN = 3.6 V, VOUT = 1.2 V unless otherwise noted)
Symbol
Rating
Min
Typ
Max
Unit
VIN
Input Voltage Range
2.7
5.5
V
VUVLO
Under Voltage Lockout (VIN Falling)
2.4
V
Iq
Quiescent Current (Light Load Mode)
60
95
mA
ISTB
Standby Current, EN Low
0.3
1.2
mA
FOSC
Oscillator Frequency
2.400
3
3.600
MHz
ILIM
Peak Inductor Current
1200
mA
VREF
Feedback Reference Voltage
0.6
V
VFBtol
FB Pin Tolerance Overtemperature
−3
3
%
DVFB
Reference Voltage Line Regulation
0.1
%
VOUT
Output Voltage Accuracy (Note 5)
−3%
Vnom
+3%
V
VOUT
Minimum Output Voltage
0.9
V
VOUT
Maximum Output Voltage
2.3
V
DVOUT
Output Voltage Line Regulation (VIN from 2.7 to 5.5) IO = 100 mA
0.1
%
VLOADREG
Voltage Load Regulation (IO = 150 mA to 600 mA)
0.001
%/mA
Duty Cycle
100
%
RSWH
P−Channel On−Resistance
300
m
W
RSWL
N−Channel On−Resistance
300
m
W
ILeakH
P−Channel Leakage Current
0.05
mA
ILeakL
N−Channel Leakage Current
0.01
mA
VENH
Enable Pin High
1.2
V
VENL
Enable Pin Low
0.4
V
TSTART
Soft Start Time
350
450
ms
5. The overall output voltage tolerance depends upon the accuracy of the external resistor (R1, R2).


Similar Part No. - NCP1523BFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523 Datasheet
302Kb / 14P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
August, 2006 ??Rev. 0
logo
Texas Instruments
NCP1523 TI-NCP1523 Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1523FCT2G ONSEMI-NCP1523FCT2G Datasheet
302Kb / 14P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
August, 2006 ??Rev. 0
More results

Similar Description - NCP1523BFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523 Datasheet
302Kb / 14P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
August, 2006 ??Rev. 0
NCP1522 ONSEMI-NCP1522 Datasheet
155Kb / 17P
   3.0 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 3
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP1521 ONSEMI-NCP1521 Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
logo
Analog Devices
ADP2109 AD-ADP2109 Datasheet
861Kb / 16P
   Compact 600 mA, 3 MHz, Step-Down Converter with Output Discharge
REV. B
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Texas Instruments
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com