Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1400ASN30T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1400ASN30T1G
Description  100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1400ASN30T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1400ASN30T1G Datasheet HTML 1Page - ON Semiconductor NCP1400ASN30T1G Datasheet HTML 2Page - ON Semiconductor NCP1400ASN30T1G Datasheet HTML 3Page - ON Semiconductor NCP1400ASN30T1G Datasheet HTML 4Page - ON Semiconductor NCP1400ASN30T1G Datasheet HTML 5Page - ON Semiconductor NCP1400ASN30T1G Datasheet HTML 6Page - ON Semiconductor NCP1400ASN30T1G Datasheet HTML 7Page - ON Semiconductor NCP1400ASN30T1G Datasheet HTML 8Page - ON Semiconductor NCP1400ASN30T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP1400A
http://onsemi.com
5
100
60
80
40
20
0
20
0
40
60
80
100
3.0
3.2
2.6
2.8
2.4
3.4
60
0
2.0
100
1.9
40
20
IO, OUTPUT CURRENT (mA)
1.8
IO, OUTPUT CURRENT (mA)
Figure 2. NCP1400ASN19T1 Output Voltage
vs. Output Current
Figure 3. NCP1400ASN30T1 Output Voltage
vs. Output Current
0
6.0
5.5
5.0
80
60
40
4.5
4.0
3.5
20
100
Figure 4. NCP1400ASN50T1 Output Voltage
vs. Output Current
IO, OUTPUT CURRENT (mA)
Figure 5. NCP1400ASN19T1 Efficiency vs.
Output Current
IO, OUTPUT CURRENT (mA)
Figure 6. NCP1400ASN30T1 Efficiency vs.
Output Current
IO, OUTPUT CURRENT (mA)
Figure 7. NCP1400ASN50T1 Efficiency vs.
Output Current
IO, OUTPUT CURRENT (mA)
2.1
060
40
20
80
100
080
60
40
20
100
080
60
40
100
20
20
80
40
0
100
080
60
40
20
100
VIN= 1.5 V
1.7
1.6
60
80
VIN= 0.9 V
VIN= 1.2 V
VIN= 1.5 V
VIN= 0.9 V
VIN= 1.2 V
VIN= 2.0 V
VIN= 1.5 V
VIN= 0.9 V
VIN= 1.2 V
VIN= 1.5 V
VIN= 0.9 V
VIN= 2.0 V
VIN= 3.0 V
VIN= 1.2 V
VIN= 0.9 V
VIN= 2.0 V
VIN= 2.5 V
VIN= 1.5 V
VIN= 3.0 V
VIN= 0.9 V
VIN= 2.0 V
VIN= 1.5 V
NCP1400ASN19T1
L = 22
mH
TA = 25°C
NCP1400ASN30T1
L = 22
mH
TA = 25°C
NCP1400ASN50T1
L = 22
mH
TA = 25°C
NCP1400ASN19T1
L = 22
mH
TA = 25°C
NCP1400ASN50T1
L = 22
mH
TA = 25°C
NCP1400ASN30T1
L = 22
mH
TA = 25°C


Similar Part No. - NCP1400ASN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400ASN30T1 ONSEMI-NCP1400ASN30T1 Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP1400ASN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_06 Datasheet
174Kb / 18P
   200 mA, PFM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 7
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX8506EVKIT MAXIM-MAX8506EVKIT Datasheet
104Kb / 5P
   1MHz Fixed-Frequency PWM Switching
Rev 0; 2/04
logo
Texas Instruments
LP2981-N TI1-LP2981-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
logo
Analog Devices
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
logo
ON Semiconductor
MC33466 ONSEMI-MC33466 Datasheet
167Kb / 12P
   FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
1999 Rev 4, 08/1
logo
Maxim Integrated Produc...
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com