Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7516ARQZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7516ARQZ
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516ARQZ Datasheet(HTML) 4 Page - Analog Devices

  ADT7516ARQZ Datasheet HTML 1Page - Analog Devices ADT7516ARQZ Datasheet HTML 2Page - Analog Devices ADT7516ARQZ Datasheet HTML 3Page - Analog Devices ADT7516ARQZ Datasheet HTML 4Page - Analog Devices ADT7516ARQZ Datasheet HTML 5Page - Analog Devices ADT7516ARQZ Datasheet HTML 6Page - Analog Devices ADT7516ARQZ Datasheet HTML 7Page - Analog Devices ADT7516ARQZ Datasheet HTML 8Page - Analog Devices ADT7516ARQZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 4 of 44
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
External Temperature Sensor
External transistor = 2N3906
Accuracy @ VDD = 3.3 V ±10%
±1.5
°C
TA = 85°C
±3
°C
TA = 0°C to +85°C
±5
°C
TA = −40°C to +120°C
Accuracy @ VDD = 5 V ±5%
±2
±3
°C
TA = 0°C to +85°C
±3
±5
°C
TA = −40°C to +120°C
Resolution
10
Bits
Equivalent to 0.25°C
Output Source Current
180
μA
High level
11
μA
Low level
Thermal Voltage Output
8-Bit DAC Output
Resolution
1
°C
Scale Factor
8.97
mV/°C
0 V to VREF output, TA = −40°C to +120°C
17.58
mV/°C
0 V to 2 VREF output, TA = −40°C to +120°C
10-Bit DAC Output
Resolution
0.25
°C
Scale Factor
2.2
mV/°C
0 V to VREF output, TA = −40°C to +120°C
4.39
mV/°C
0 V to 2 VREF output, TA = −40°C to +120°C
CONVERSION TIMES
Single channel mode
Slow ADC
VDD/AIN
11.4
ms
Averaging (16 samples) on
712
μs
Averaging off
Internal Temperature
11.4
ms
Averaging (16 samples) on
712
μs
Averaging off
External Temperature
24.22
ms
Averaging (16 samples) on
1.51
ms
Averaging off
Fast ADC
VDD/AIN
712
μs
Averaging (16 samples) on
44.5
μs
Averaging off
Internal Temperature
2.14
ms
Averaging (16 samples) on
134
μs
Averaging off
External Temperature
14.25
ms
Averaging (16 samples) on
890
μs
Averaging off
ROUND ROBIN UPDATE RATE5
Time to complete one measurement cycle
through all channels
Slow ADC @ 25°C
Averaging On
79.8
ms
AIN1 and AIN2 are selected on Pin 7 and Pin 8
Averaging Off
4.99
ms
AIN1 and AIN2 are selected on Pin 7 and Pin 8
Averaging On
94.76
ms
D+ and D– are selected on Pin 7 and Pin 8
Averaging Off
9.26
ms
D+ and D– are selected on Pin 7 and Pin 8
Fast ADC @ 25°C
Averaging On
6.41
ms
AIN1 and AIN2 are selected on Pin 7 and Pin 8
Averaging Off
400.84
μs
AIN1 and AIN2 are selected on Pin 7 and Pin 8
Averaging On
21.77
ms
D+ and D– are selected on Pin 7 and Pin 8
Averaging Off
3.07
ms
D+ and D– are selected on Pin 7 and Pin 8
DAC EXTERNAL REFERENCE INPUT4
VREF Input Range
1
VDD
V
Buffered reference
VREF Input Impedance
>10
Buffered reference and power-down mode
Reference Feedthrough
–90
dB
Frequency = 10 kHz
Channel-to-Channel Isolation
–75
dB
Frequency = 10 kHz


Similar Part No. - ADT7516ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7516ARQ AD-ADT7516ARQ Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516ARQ-REEL AD-ADT7516ARQ-REEL Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516ARQ-REEL7 AD-ADT7516ARQ-REEL7 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
More results

Similar Description - ADT7516ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Linear Technology
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com