Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E558ANA-100054 Datasheet(PDF) 1 Page - TOKO, Inc

Part # E558ANA-100054
Description  Molded Coils for Surface Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

E558ANA-100054 Datasheet(HTML) 1 Page - TOKO, Inc

  E558ANA-100054 Datasheet HTML 1Page - TOKO, Inc E558ANA-100054 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
106
Molded Coils for Surface Mounting
TYPE
MC152
TYPE MC152
Without Case
TOKO
Number
Color
Part Number(1)
of Turns
C Range**
Q(2)
Code
Inductance(3)
Ferrite Core
E558CN-100020
11/2
80.4pF
±2%
90
±20% (at 100MHz)
WHITE
32nH
E558CN-100021
21/2
53.8pF
±3%
110
±20% (at 100MHz)
VIOLET
47nH
E558CN-100022
31/2
37.0pF
±3%
110
±20% (at 100MHz)
ORANGE
68nH
E558CN-100023
41/2
28.0pF
±3%
115
±20% (at 100MHz)
YELLOW
90nH
*E558CN-100024
51/2
22.7pF
±3%
120
±20% (at 100MHz)
WHITE
112nH
*E558CN-100025
61/2
17.8pF
±3%
120
±20% (at 100MHz)
BLUE
142nH
Air Core
E558HN-100096
11/2
86.9pF
±10%
85
±20% (at 100MHz)
WHITE
29nH
E558HN-100097
21/2
61.2pF
±10%
100
±20% (at 100MHz)
VIOLET
41nH
E558HN-100098
31/2
44.9pF
±10%
105
±20% (at 100MHz)
ORANGE
56nH
E558HN-100099
41/2
34.6pF
±10%
105
±20% (at 100MHz)
YELLOW
73nH
E558HN-100100
51/2
27.9pF
±10%
120
±20% (at 100MHz)
WHITE
91nH
E558HN-100101
61/2
22.9pF
±10%
120
±20% (at 100MHz)
BLUE
111nH
Brass Core
E558AN-100040
11/2
88.6pF
± 1%
52
±20% (at 100MHz)
WHITE
29nH
E558AN-100041
21/2
66.5pF
± 3%
63
±20% (at 100MHz)
VIOLET
38nH
E558AN-100042
31/2
52.4pF
± 3%
56
±20% (at 100MHz)
ORANGE
48nH
E558AN-100043
41/2
44.1pF
± 2%
50
±20% (at 100MHz)
YELLOW
57nH
E558AN-100044
51/2
35.3pF
± 2%
50
±20% (at 100MHz)
WHITE
72nH
E558AN-100045
61/2
30.0pF
± 2%
50
±20% (at 100MHz)
BLUE
84nH
continued on next page
* Minimum inductance values with core 2 turns above top of
bobbin.
** C Range shows tolerance.
MC152
Close Wound
Frequency Range: 30-150MHz (with ferrite core)
Inductance Range: 29~142nH (without case)
27~94nH (with case)
Temperature Coefficient: 150
±100ppm/°C (without case)
100
±100ppm/°C (with case)
STANDARD COILS SELECTION GUIDE
(1) Alternate use of brass core will increase the usable
frequency of any specific coil form, however inductance is
reduced. These cores may also be substituted for ferrite as a
means of lowering Q.
(2) Q measured by Q meter
(3) Inductance measured by HP-4191A at 100MHz for reference only.
Features
• Low profile SMT molded coil.
• Ideal for use in RF circuit for communication and car radio
applications.
• Shielded case also available.
Unshielded
Shielded
Unit: mm
Unit: mm


Similar Part No. - E558ANA-100054

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E55-21-K-H-14P-WZ6709 FERYSTER-E55-21-K-H-14P-WZ6709 Datasheet
206Kb / 1P
   FERYSTER 짰 TRANSFORMERS
E55-21-KH-14P-WZ6709 FERYSTER-E55-21-KH-14P-WZ6709 Datasheet
206Kb / 1P
   PHOSPHOR BRONZE
logo
Ferroxcube Internationa...
E55-3C81 FERROXCUBE-E55-3C81 Datasheet
77Kb / 8P
   E cores and accessories
E55-3C81-E100 FERROXCUBE-E55-3C81-E100 Datasheet
77Kb / 8P
   E cores and accessories
E55-3C81-E160 FERROXCUBE-E55-3C81-E160 Datasheet
77Kb / 8P
   E cores and accessories
More results

Similar Description - E558ANA-100054

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
SA3M08 TOKO-SA3M08 Datasheet
84Kb / 1P
   Transponder Coils for Surface Mounting
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
   Transponder Coils for Surface Mounting
836BN-0075Z TOKO-836BN-0075Z Datasheet
25Kb / 2P
   Variable Coils for Surface Mounting
5CCEG TOKO-5CCEG Datasheet
215Kb / 1P
   Valiable Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
   Transponder Coils for Surface Mounting
SA3D12 TOKO-SA3D12_16 Datasheet
261Kb / 1P
   Transponder Coils for Surface Mounting
FSDV TOKO-FSDV Datasheet
26Kb / 2P
   Variable Coils for Surface Mounting
SA3D14 TOKO-SA3D14_16 Datasheet
279Kb / 1P
   Transponder Coils for Surface Mounting
SA3M12 TOKO-SA3M12 Datasheet
83Kb / 1P
   Transponder Coils for Surface Mounting
logo
XFMRS Inc.
XF101013-100309 XFMRS-XF101013-100309 Datasheet
35Kb / 1P
   MOLDED COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com