Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1450ASN19T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1450ASN19T1
Description  PWM Step?뭫p DC?묭C Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1450ASN19T1 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1450ASN19T1 Datasheet HTML 1Page - ON Semiconductor NCP1450ASN19T1 Datasheet HTML 2Page - ON Semiconductor NCP1450ASN19T1 Datasheet HTML 3Page - ON Semiconductor NCP1450ASN19T1 Datasheet HTML 4Page - ON Semiconductor NCP1450ASN19T1 Datasheet HTML 5Page - ON Semiconductor NCP1450ASN19T1 Datasheet HTML 6Page - ON Semiconductor NCP1450ASN19T1 Datasheet HTML 7Page - ON Semiconductor NCP1450ASN19T1 Datasheet HTML 8Page - ON Semiconductor NCP1450ASN19T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NCP1450A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For all values TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VOUT = VSET
0.96, Note 5)
fOSC
144
180
216
kHz
Frequency Temperature Coefficient (TA = −40°C to 85°C)
Df
0.11
%/
°C
Maximum PWM Duty Cycle (VOUT = VSET
0.96)
DMAX
70
80
90
%
Minimum Startup Voltage (IO = 0 mA)
Vstart
0.8
0.9
V
Minimum Startup Voltage Temperature Coefficient (TA = −40°C to 85°C)
DVstart
−1.6
mV/
°C
Minimum Operation Hold Voltage (IO = 0 mA)
Vhold
0.6
0.7
V
Soft−Start Time (VOUT = VSET, Note 6)
tSS
100
250
ms
CE (PIN 1)
CE Input Voltage (VOUT = VSET
0.96)
High State, Device Enabled
Low State, Device Disabled
VCE(high)
VCE(low)
0.9
0.3
V
CE Input Current (Note 6)
High State, Device Enabled (VOUT = VCE = 5.0 V)
Low State, Device Disabled (VOUT = 5.0 V, VCE = 0 V)
ICE(high)
ICE(low)
−0.5
0
0
0.15
0.5
0.5
mA
EXT (PIN 5)
EXT “H” Output Current (VEXT = VOUT −0.4 V)
Device Suffix:
19T1
27T1
30T1
33T1
50T1
IEXTH
−25.0
−35.0
−37.7
−40.0
−53.7
−20.0
−30.0
−30.0
−30.0
−35.0
mA
EXT “L” Output Current(VEXT = 0.4 V)
Device Suffix:
19T1
27T1
30T1
33T1
50T1
IEXTL
20.0
30.0
30.0
30.0
35.0
38.3
48.0
50.8
52.0
58.2
mA
TOTAL DEVICE
Output Voltage
Device Suffix:
19T1
27T1
30T1
33T1
50T1
VOUT
1.853
2.633
2.925
3.218
4.875
1.9
2.7
3.0
3.3
5.0
1.948
2.768
3.075
3.383
5.125
V
Output Voltage Temperature Coefficient (TA = −40 to +85°C)
DVOUT
150
ppm/
°C
Operating Current (VOUT = VCE = VSET
0.96, Note 5)
Device Suffix:
19T1
27T1
30T1
33T1
50T1
IDD
55
93
98
103
136
90
140
150
160
220
mA
Standby Current (VOUT = VCE = VSET +0.5 V)
ISTB
15
20
mA
Off−State Current (VOUT = 5.0 V, VCE = 0 V, TA = −40 to +85°C, Note 7)
IOFF
0.6
1.5
mA
5. VSET means setting of output voltage.
6. This parameter is guaranteed by design.
7. CE pin is integrated with an internal 150 nA pullup current source.


Similar Part No. - NCP1450ASN19T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1450ASN19T1 ONSEMI-NCP1450ASN19T1 Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
More results

Similar Description - NCP1450ASN19T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
   600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com