Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1400ASN22T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1400ASN22T1G
Description  100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1400ASN22T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1400ASN22T1G Datasheet HTML 6Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 7Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 8Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 9Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 10Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 11Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 12Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 13Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP1400A
http://onsemi.com
10
VOUT = 3.0 V, VIN = 1.2 V, IO = 10 mA., L = 22 mH, COUT = 68 mF
1. VLX, 2.0 V/div
2. VOUT, 20 mV/div, AC coupled
3. IL, 100 mA/div
Figure 32. Operating Waveforms (Medium Load)
2
ms/div
VOUT = 3.0 V, VIN = 1.2 V, IO = 25 mA., L = 22 mH, COUT = 68 mF
1. VLX, 2.0 V/div
2. VOUT, 20 mV/div, AC coupled
3. IL, 100 mA/div
Figure 33. Operating Waveforms (Heavy Load)
2
ms/div
VIN = 1.2 V, L = 22 mH
1. VOUT = 1.9 V (AC coupled), 50 mV/div
2. IO = 3.0 mA to 30 mA
Figure 34. NCP1400ASN19T1
Load Transient Response
VIN = 1.2 V, L = 22 mH
1. VOUT = 1.9 V (AC coupled), 50 mV/div
2. IO = 30 mA to 3.0 mA
Figure 35. NCP1400ASN19T1
Load Transient Response
VIN = 1.5 V, L = 22 mH
1. VOUT = 3.0 V (AC coupled), 50 mV/div
2. IO = 3.0 mA to 30 mA
Figure 36. NCP1400ASN30T1
Load Transient Response
VIN = 1.5 V, L = 22 mH
1. VOUT = 3.0 V (AC coupled), 50 mV/div
2. IO = 30 mA to 3.0 mA
Figure 37. NCP1400ASN30T1
Load Transient Response


Similar Part No. - NCP1400ASN22T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400ASN22T1G ONSEMI-NCP1400ASN22T1G Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP1400ASN22T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_06 Datasheet
174Kb / 18P
   200 mA, PFM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 7
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX8506EVKIT MAXIM-MAX8506EVKIT Datasheet
104Kb / 5P
   1MHz Fixed-Frequency PWM Switching
Rev 0; 2/04
logo
Texas Instruments
LP2981-N TI1-LP2981-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
logo
Analog Devices
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
logo
ON Semiconductor
MC33466 ONSEMI-MC33466 Datasheet
167Kb / 12P
   FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
1999 Rev 4, 08/1
logo
Maxim Integrated Produc...
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com