Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLV0603-FH3N9S Datasheet(PDF) 1 Page - TOKO, Inc

Part # LLV0603-FH3N9S
Description  MULTILAYER CERAMIC CHIP INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLV0603-FH3N9S Datasheet(HTML) 1 Page - TOKO, Inc

  LLV0603-FH3N9S Datasheet HTML 1Page - TOKO, Inc LLV0603-FH3N9S Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LLV0603-FH Series
MULTILAYER CERAMIC CHIP INDUCTOR
March 2006
1
© 2006 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-310-LLV0603FH
R-LOG0306A
DESCRIPTION
The LLV0603-FH Series is a multilayer ceramic chip
inductor with high-Q characteristics in an EIA standard
0201 footprint (0.6mm x 0.3mm) and a low profile of
only 0.33mm maximum. Manufactured with a propri-
etary ceramic material and process, these lead-free chip
inductors are ideal for use in RF modules and embed-
ded subassemblies where space is limited and printed
stripline inductors are impractical.
DIMENSIONS
ELECTRICAL SPECIFICATIONS
TYPE LLV0603-FH
FEATURES
• Inductance range: 1.0-47nH
• Miniature size: 0201 footprint (0.6mm x 0.3mm)
• Q: 21 ~ 32 typical (at 1800MHz)
• Temperature coefficient of inductance: +250ppm/°C
• Temperature range: –55°C to +125°C
• S-parameter data available upon request
• Packaged on tape and reel in 15,000 piece quantity
• Reflow solderable
• Lead-free terminations
LLV 0603 – FH 1N0 S
Tolerance
(S=
±3.0nH, J=±5%)
Inductance
Material
Dimensions (LxW)
Type Name
* Part number tolerance: S=±0.3nH, J = ±5%
Testing Conditions: (1) L,Q: Agilent 4291A/B (Test fixture Agilent 16196C) (2) SRF: Agilent 8719D, 8720D (3) RDC: Agilent 4338A/B
L
W
T
A
Polarity Marking
PART NUMBERING
O
K
O
T
r
e
b
m
u
N
t
r
a
P
e
c
n
a
r
e
l
o
T
&
e
c
n
a
t
c
u
d
n
I
Q
.
n
i
m
).
p
y
t
(
Q
F
R
S
)
z
H
M
(
.
n
i
m
C
D
R
(
Ω )
.
x
a
m
C
D
I
)
A
m
(
.
x
a
m
z
H
M
0
0
1
t
a
o
L
L
0
0
1
0
0
1
0
0
3
0
0
5
0
0
8
1
8
.
1
4
.
2
)
H
n
(
*
.l
o
T
z
H
M
z
H
M
z
H
M
z
H
M
z
H
M
z
H
G
z
H
G
z
H
G
S
0
N
1
H
F
-
3
0
6
0
V
L
L
0
.
1
S
4
6
1
1
4
1
9
1
2
2
1
3
8
3
0
0
0
3
1
4
1
.
0
0
0
3
S
2
N
1
H
F
-
3
0
6
0
V
L
L
2
.
1
S
4
6
1
1
4
1
9
1
2
2
1
3
8
3
0
0
0
3
1
4
1
.
0
0
0
3
S
5
N
1
H
F
-
3
0
6
0
V
L
L
5
.
1
S
4
6
1
1
4
1
9
1
1
2
0
3
7
3
0
0
0
1
1
6
1
.
0
0
0
3
S
8
N
1
H
F
-
3
0
6
0
V
L
L
8
.
1
S
5
.
4
6
1
1
5
1
9
1
2
2
1
3
7
3
0
0
5
8
8
1
.
0
0
0
3
S
2
N
2
H
F
-
3
0
6
0
V
L
L
2
.
2
S
5
6
1
1
5
1
9
1
2
2
1
3
6
3
0
0
5
8
0
2
.
0
0
5
2
S
7
N
2
H
F
-
3
0
6
0
V
L
L
7
.
2
S
5
7
2
1
5
1
0
2
3
2
2
3
8
3
0
0
0
6
3
2
.
0
0
5
2
S
3
N
3
H
F
-
3
0
6
0
V
L
L
3
.
3
S
5
7
2
1
6
1
0
2
3
2
2
3
8
3
0
0
0
5
5
2
.
0
0
5
2
S
9
N
3
H
F
-
3
0
6
0
V
L
L
9
.
3
S
5
7
2
1
6
1
0
2
3
2
2
3
8
3
0
0
0
5
8
2
.
0
0
5
2
S
7
N
4
H
F
-
3
0
6
0
V
L
L
7
.
4
S
5
.
5
7
2
1
6
1
0
2
3
2
2
3
6
3
0
0
0
4
0
3
.
0
0
5
2
S
6
N
5
H
F
-
3
0
6
0
V
L
L
6
.
5
S
6
7
2
1
6
1
0
2
2
2
1
3
4
3
0
0
0
4
5
3
.
0
0
2
2
J
8
N
6
H
F
-
3
0
6
0
V
L
L
8
.
6
J
6
7
2
1
6
1
0
2
2
2
0
3
3
3
0
0
5
3
0
4
.
0
0
2
2
J
2
N
8
H
F
-
3
0
6
0
V
L
L
2
.
8
J
6
8
2
1
6
1
0
2
2
2
9
2
0
3
0
0
0
3
0
5
.
0
0
2
2
J
N
0
1
H
F
-
3
0
6
0
V
L
L
0
1
J
6
8
2
1
6
1
0
2
3
2
8
2
7
2
0
0
5
2
0
6
.
0
0
2
2
J
N
2
1
H
F
-
3
0
6
0
V
L
L
2
1
J
6
8
3
1
7
1
1
2
3
2
7
2
5
2
0
0
5
2
5
6
.
0
0
8
1
J
N
5
1
H
F
-
3
0
6
0
V
L
L
5
1
J
6
8
3
1
6
1
0
2
2
2
4
2
8
1
0
0
0
2
5
7
.
0
0
8
1
J
N
8
1
H
F
-
3
0
6
0
V
L
L
8
1
J
5
.
6
8
3
1
6
1
9
1
1
2
1
2
3
1
0
0
0
2
5
8
.
0
0
5
1
J
N
2
2
H
F
-
3
0
6
0
V
L
L
2
2
J
7
8
4
1
7
1
0
2
2
2
2
2
0
0
0
2
0
7
.
1
0
0
1
J
N
7
2
H
F
-
3
0
6
0
V
L
L
7
2
J
7
8
4
1
7
1
0
2
1
2
0
0
7
1
0
8
.
1
0
5
J
N
3
3
H
F
-
3
0
6
0
V
L
L
3
3
J
7
8
4
1
7
1
9
1
0
2
0
0
4
1
0
0
.
2
0
5
J
N
9
3
H
F
-
3
0
6
0
V
L
L
9
3
J
6
7
2
1
4
1
5
1
4
1
0
0
3
1
0
3
.
2
0
5
J
N
7
4
H
F
-
3
0
6
0
V
L
L
7
4
J
6
7
2
1
4
1
3
1
1
1
0
0
1
1
0
7
.
2
0
5
h
t
g
n
e
L
)
m
m
(
L
h
t
d
i
W
)
m
m
(
W
s
s
e
n
k
c
i
h
T
)
m
m
(
T
h
t
d
i
w
e
d
o
r
t
c
e
l
E
)
m
m
(
A
3
0
.
0
±
6
.
0
3
0
.
0
±
3
.
0
3
0
.
0
±
3
.
0
2
.
0
~
1
.
0


Similar Part No. - LLV0603-FH3N9S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LLV321 UTC-LLV321 Datasheet
202Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
LLV321G-AL5-R UTC-LLV321G-AL5-R Datasheet
202Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
More results

Similar Description - LLV0603-FH3N9S

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8430 FILTRAN-8430 Datasheet
152Kb / 4P
   MULTILAYER Ceramic Chip Inductor
logo
KOA Speer Electronics, ...
MHL1ECT KOA-MHL1ECT Datasheet
120Kb / 3P
   multilayer ceramic inductor
MHL1ECTTE3N9S KOA-MHL1ECTTE3N9S Datasheet
215Kb / 2P
   multilayer ceramic inductor
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com