Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1410 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1410
Description  250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1410 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1410_05 Datasheet HTML 6Page - ON Semiconductor NCP1410_05 Datasheet HTML 7Page - ON Semiconductor NCP1410_05 Datasheet HTML 8Page - ON Semiconductor NCP1410_05 Datasheet HTML 9Page - ON Semiconductor NCP1410_05 Datasheet HTML 10Page - ON Semiconductor NCP1410_05 Datasheet HTML 11Page - ON Semiconductor NCP1410_05 Datasheet HTML 12Page - ON Semiconductor NCP1410_05 Datasheet HTML 13Page - ON Semiconductor NCP1410_05 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NCP1410
http://onsemi.com
10
Low−Battery Detection
A comparator with 30 mV hysteresis is applied to perform
the low−battery detection function. When pin 2 (LBI) is at
a voltage, which can be defined by a resistor divider from the
battery voltage, lower than the internal reference voltage,
1.190 V, the comparator output will cause a 50 Ohm low side
switch to be turned ON. It will pull down the voltage at pin
3 (LBO) which has a hundreds kilo−Ohm of pull−high
resistance. If the pin 2 voltage is higher than 1.190 V +
30 mV, the comparator output will cause the 50 Ohm low
side switch to be turned OFF, pin 3 will become high
impedance, and its voltage will be pulled high by the
external resistor.
APPLICATIONS INFORMATION
Output Voltage Setting
The output voltage of the converter is determined by the
external feedback network comprised of RFB1 and RFB2 and
the relationship is given by:
VOUT + 1.190 V
1
)
RFB1
RFB2
where RF2 and RF1 are the upper and lower feedback
resistors respectively.
Low Battery Detect Level Setting
The Low Battery Detect Voltage of the converter is
determined by the external divider network comprised of
RLB1 and RLB2 and the relationship is given by:
VLB + 1.190 V
1
)
RLB1
RLB2
where RLB1 and RLB2 are the upper and lower divider
resistors respectively.
Inductor Selection
The NCP1410 is tested to produce optimum performance
with a 22
mH inductor at VIN = 3 V, VOUT = 3.3 V supplying
output current up to 250 mA. For other input/output
requirements, inductance in the range 10
mH to 47 mH can be
used according to end application specifications. Selecting
an inductor is a compromise between output current
capability and tolerable output voltage ripple. Of course, the
first thing we need to obey is to keep the peak inductor
current below its saturation limit at maximum current and
the ILIM of the device. In NCP1410, ILIM is set at 1 A. As a
rule of thumb, low inductance values supply higher output
current, but also increase the ripple at output and reducing
efficiency, on the other hand, high inductance values can
improve output ripple and efficiency, however it also limit
the output current capability at the same time. One other
parameter of the inductor is its DC resistance, this resistance
can introduce unwanted power loss and hence reduce overall
efficiency, the basic rule is selecting an inductor with lowest
DC resistance within the board space limitation of the end
application.
Capacitors Selection
In all switching mode boost converter applications, both
the input and output terminals sees pulsating voltage/current
waveforms. The currents flowing into and out of the
capacitors
multiplying
with
the
Equivalent
Series
Resistance (ESR) of the capacitor producing ripple voltage
at the terminals. During the syn−rect switch off cycle, the
charges stored in the output capacitor is used to sustain the
output load current. Load current at this period and the ESR
combined and reflected as ripple at the output terminals. For
all cases, the lower the capacitor ESR, the lower the ripple
voltage at output. As a general guide line, low ESR
capacitors should be used. Ceramic capacitors have the
lowest ESR, but low ESR tantalum capacitors can also be
used as a cost effective substitute.
Optional Startup Schottky Diode for Low Battery
Voltage
In general operation, no external Schottky diode is
required, however, in case you are intended to operate the
device close to 1 V level, a Schottky diode connected
between the LX and OUT pins as shown in Figure 27 can
help during startup of the converter. The effect of the
additional Schottky was shown in Figure 8.
Figure 27. Schottky Device Between LX and
OUT Pins
NCP1410
OUT
LX
COUT
VOUT
MBR0502
L
PCB Layout Recommendations
Good PCB layout plays an important role in switching
mode power conversion. Careful PCB layout can help to
minimize ground bounce, EMI noise and unwanted
feedback that can affect the performance of the converter.
Hints in the following paragraphs, can be used as guidelines
in most situations.
Grounding
Star−ground connection should be used to connect the
output power return ground, the input power return ground
and the device power ground together at one point. All high
current running paths must be thick enough for current
flowing through and producing insignificant voltage drop
along the path. Feedback signal path must be separated with
the main current path and sensing directly at the anode of the
output capacitor.


Similar Part No. - NCP1410_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1410DMR2 ONSEMI-NCP1410DMR2 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
More results

Similar Description - NCP1410_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
NCP1411 ONSEMI-NCP1411 Datasheet
133Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector and Ring-Killer
October, 2004 ??Rev. 3
NCP1423 ONSEMI-NCP1423_14 Datasheet
184Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter
October, 2014 ??Rev. 8
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
NCP1421 ONSEMI-NCP1421 Datasheet
116Kb / 14P
   600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
October, 2004 ??Rev. 6
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
ON Semiconductor
NCP1423 ONSEMI-NCP1423_V01 Datasheet
308Kb / 16P
   Boost Converter Sync-Rect, PFM, DC-DC, True-Cutoff, Ring-Killer 400 mA
August, 2019 - Rev. 8
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com