Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1280 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1280
Description  Active Clamp Voltage Mode PWM Controller for Off-Line Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1280 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1280 Datasheet HTML 6Page - ON Semiconductor NCP1280 Datasheet HTML 7Page - ON Semiconductor NCP1280 Datasheet HTML 8Page - ON Semiconductor NCP1280 Datasheet HTML 9Page - ON Semiconductor NCP1280 Datasheet HTML 10Page - ON Semiconductor NCP1280 Datasheet HTML 11Page - ON Semiconductor NCP1280 Datasheet HTML 12Page - ON Semiconductor NCP1280 Datasheet HTML 13Page - ON Semiconductor NCP1280 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP1280
http://onsemi.com
10
TYPICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
4.93
4.95
4.97
4.99
5.03
TJ, JUNCTION TEMPERATURE (°C)
RD, DELAY RESISTOR (kW)
75
50
25
0
−25
−50
0
50
100
150
200
250
350
1000
800
600
400
200
0
50
75
100
125
150
225
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−25
−50
0
40
80
160
200
150
300
150
125
100
175
200
50
75
120
RD = 1 MW, LEADING
RD = 60 kW, LEADING
LEADING
TRAILING
RSRC (VEA = 0 V, VOUT = 10 V)
RSNK (VEA = 3 V, VOUT = 2 V)
VAUX = 12 V
RMDP = 100 kW
TJ = 25°C
IREF = 0 mA
IREF = 6 mA
5.01
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−25
−50
0.35
0.45
0.55
0.75
0.85
50
75
0.65
Figure 21. VEA Input Resistance versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
150
100
50
0
−50
0
10
20
40
50
30
−25
125
75
25
Figure 22. PWM Comparator Lower Input
Threshold versus Junction Temperature
Figure 23. Reference Voltage versus Junction
Temperature
Figure 24. Outputs Overlap Delay versus
Junction Temperature
Figure 25. Outputs Overlap Delay versus
Delay Resistor
Figure 26. Outputs Drive Resistance Voltage
versus Junction Temperature


Similar Part No. - NCP1280

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1280 ONSEMI-NCP1280 Datasheet
129Kb / 18P
   Active Clamp Voltage Mode PWM Controller for Off-Line Applications
April, 2004 ??Rev. 1
NCP1280 ONSEMI-NCP1280 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1280DR2 ONSEMI-NCP1280DR2 Datasheet
129Kb / 18P
   Active Clamp Voltage Mode PWM Controller for Off-Line Applications
April, 2004 ??Rev. 1
More results

Similar Description - NCP1280

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1280 ONSEMI-NCP1280 Datasheet
129Kb / 18P
   Active Clamp Voltage Mode PWM Controller for Off-Line Applications
April, 2004 ??Rev. 1
logo
Texas Instruments
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025B NSC-LM5025B Datasheet
708Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
   Active Clamp Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com