Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8350ARM15-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8350ARM15-REEL
Description  Low Distortion 1.0 GHz Differential Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8350ARM15-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8350ARM15-REEL Datasheet HTML 2Page - Analog Devices AD8350ARM15-REEL Datasheet HTML 3Page - Analog Devices AD8350ARM15-REEL Datasheet HTML 4Page - Analog Devices AD8350ARM15-REEL Datasheet HTML 5Page - Analog Devices AD8350ARM15-REEL Datasheet HTML 6Page - Analog Devices AD8350ARM15-REEL Datasheet HTML 7Page - Analog Devices AD8350ARM15-REEL Datasheet HTML 8Page - Analog Devices AD8350ARM15-REEL Datasheet HTML 9Page - Analog Devices AD8350ARM15-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
AD8350
–6–
FUNDAMENTAL FREQUENCY – MHz
–40
0
–45
–50
–55
–60
–65
–70
–75
–80
50
100
150
200
250
300
VOUT = 1V p-p
HD3 (VCC = 10V)
HD3 (VCC = 5V)
HD2 (VCC = 5V)
HD2 (VCC = 10V)
TPC 10. AD8350-15 Harmonic
Distortion vs. Frequency
OUTPUT VOLTAGE – V p-p
–45
0
–55
–65
–75
–85
0.5
1
1.5
2
2.5
3
3.5
FO = 50MHz
HD3 (VCC = 10V)
HD3 (VCC = 5V)
HD2 (VCC = 5V)
HD2 (VCC = 10V)
TPC 13. AD8350-20 Harmonic Distor-
tion vs. Differential Output Voltage
FREQUENCY – MHz
41
0
50
100
150
200
250
300
36
31
26
21
16
11
VCC = 10V
VCC = 5V
TPC 16. AD8350-15 Output Referred
IP3 vs. Frequency
FUNDAMENTAL FREQUENCY – MHz
–40
0
–45
–50
–55
–60
–65
–70
–75
–80
50
100
150
200
250
300
VOUT = 1V p-p
HD3 (VCC = 10V)
HD3 (VCC = 5V)
HD2 (VCC = 5V)
HD2 (VCC = 10V)
TPC 11. AD8350-20 Harmonic Dis-
tortion vs. Frequency
FREQUENCY – MHz
66
0
50
100
150
200
250
300
61
56
51
46
41
36
VCC = 10V
VCC = 5V
TPC 14. AD8350-15 Output Referred
IP2 vs. Frequency
FREQUENCY – MHz
41
0
50
100
150
200
250
300
36
31
26
21
16
11
VCC = 10V
VCC = 5V
TPC 17. AD8350-20 Output Referred
IP3 vs. Frequency
OUTPUT VOLTAGE – V p-p
–45
0
–55
–65
–75
–85
0.5
1
1.5
2
2.5
3
3.5
FO = 50MHz
HD3 (VCC = 10V)
HD3 (VCC = 5V)
HD2 (VCC = 5V)
HD2 (VCC = 10V)
TPC 12. AD8350-15 Harmonic Distor-
tion vs. Differential Output Voltage
FREQUENCY – MHz
66
0
50
100
150
200
250
300
61
56
51
46
41
36
VCC = 10V
VCC = 5V
TPC 15. AD8350-20 Output Referred
IP2 vs. Frequency
FREQUENCY – MHz
0
100
200
300
400
500
600
7.5
5.0
2.5
0
–2.5
–5.0
VCC = 10V
VCC = 5V
INPUT REFERRED
10.0
TPC 18. AD8350-15 1 dB Compres-
sion vs. Frequency


Similar Part No. - AD8350ARM15-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350ARM20-REEL7 AD-AD8350ARM20-REEL7 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350ARM20-REEL7 AD-AD8350ARM20-REEL7 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15-REEL7 AD-AD8350ARMZ15-REEL7 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
More results

Similar Description - AD8350ARM15-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com