Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8352-EVALZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8352-EVALZ
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352-EVALZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8352-EVALZ Datasheet HTML 3Page - Analog Devices AD8352-EVALZ Datasheet HTML 4Page - Analog Devices AD8352-EVALZ Datasheet HTML 5Page - Analog Devices AD8352-EVALZ Datasheet HTML 6Page - Analog Devices AD8352-EVALZ Datasheet HTML 7Page - Analog Devices AD8352-EVALZ Datasheet HTML 8Page - Analog Devices AD8352-EVALZ Datasheet HTML 9Page - Analog Devices AD8352-EVALZ Datasheet HTML 10Page - Analog Devices AD8352-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8352
Rev. A | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
RDP
2
RGP
3
RGN
4
RDN
11 VOP
12 GND
10 VON
9GND
TOP VIEW
(Not to Scale)
AD8352
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RDP
Positive Distortion Adjust.
2
RGP
Positive Gain Adjust.
3
RGN
Negative Gain Adjust.
4
RDN
Negative Distortion Adjust.
5
VIN
Balanced Differential Input. Biased to VCM, typically ac-coupled.
6, 7, 9, 12
GND
Ground. Connect to low impedance GND.
8, 13
VCC
Positive Supply.
10
VON
Balanced Differential Output. Biased to VCM, typically ac-coupled.
11
VOP
Balanced Differential Output. Biased to VCM, typically ac-coupled.
14
VCM
Common-Mode Voltage. A voltage applied to this pin sets the common-mode voltage of the input and output.
Typically decoupled to ground with a 0.1 μF capacitor. With no reference applied, input and output common
mode floats to midsupply (VCC/2).
15
ENB
Enable. Apply positive voltage (1.3 V < ENB < VCC) to activate device.
16
VIP
Balanced Differential Input. Biased to VCM, typically ac-coupled.


Similar Part No. - AD8352-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8352-EVALZ AD-AD8352-EVALZ Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352-EVALZ AD-AD8352-EVALZ Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
More results

Similar Description - AD8352-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
ADL5562 AD-ADL5562_17 Datasheet
560Kb / 21P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
ADL5561 AD-ADL5561_17 Datasheet
760Kb / 25P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com