Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8231 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8231
Description  Zero Drift, Digital Programmable Instrumentation Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 6 Page - Analog Devices

  AD8231_07 Datasheet HTML 1Page - Analog Devices AD8231_07 Datasheet HTML 2Page - Analog Devices AD8231_07 Datasheet HTML 3Page - Analog Devices AD8231_07 Datasheet HTML 4Page - Analog Devices AD8231_07 Datasheet HTML 5Page - Analog Devices AD8231_07 Datasheet HTML 6Page - Analog Devices AD8231_07 Datasheet HTML 7Page - Analog Devices AD8231_07 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD8231
Preliminary Data Sheet
Rev. PrC | Page 6 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2. AD8231 Absolute Maximum Ratings
Parameter
Rating
Supply Voltage
Internal Power Dissipation
Output Short Circuit Current
Input Voltage (Common-Mode)
Differential Input Voltage
Storage Temperature
–65°C to +150°C
Operational Temperature Range
–40°C to +125°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions may affect device reliability.
AD8231
Top View
1
SDN
2
3
4
56
7
8
9
10
11
12
13
14
15
16
A2
A1
A0
WR
+Vs
GND
OUTA (In-Amp Out)
REF
OUTB (Op Amp Out)
-INB
+INB
NC
NC
+INA
-INA
(In-Amp +IN)
(In-Amp -IN)
16-Lead LFCSP (Chip Scale) Package
Pin Number
Mnemonic
Function
Pin Number
Mnemonic
Function
1
NC
No connect
9
REF
Reference Pin to set the
Output Level
2
-INA
Negative Input for In-
amp
10
OUTA
Output for In Amp
3
+INA
Positive Input for In-
amp
11
GND
Power Supply Ground
4
NC
No connect
12
+Vs
Positive Power Supply
5
SDN
Shut Down
13
WR
Write Enable to latch
gain setting
6
+INB
Positive Input for
Undedicated Op Amp
14
A0
Gain Setting Bit
7
-INB
Negative Input for
Undedicated Op Amp
15
A1
Gain Setting Bit
8
OUTB
Output for
Undedicated Op Amp
16
A2
Gain Setting Bit


Similar Part No. - AD8231_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8231-EVALZ AD-AD8231-EVALZ Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231-EVALZ AD-AD8231-EVALZ Datasheet
668Kb / 25P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
AD8231-EVALZ AD-AD8231-EVALZ Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD82311 AD-AD82311 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD8231ACPZ-R7 AD-AD8231ACPZ-R7 Datasheet
630Kb / 20P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
More results

Similar Description - AD8231_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231 Datasheet
630Kb / 20P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
logo
National Semiconductor ...
LMP8358 NSC-LMP8358 Datasheet
1,015Kb / 32P
   Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
Texas Instruments
LMP8358 TI1-LMP8358 Datasheet
1Mb / 40P
[Old version datasheet]   Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PGA280 TI-PGA280 Datasheet
900Kb / 45P
[Old version datasheet]   Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LTC1100 LINER-LTC1100_03 Datasheet
135Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
LTC1100 LINER-LTC1100_15 Datasheet
145Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com