Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8200 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8200
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8200 Datasheet(HTML) 3 Page - Analog Devices

  AD8200 Datasheet HTML 1Page - Analog Devices AD8200 Datasheet HTML 2Page - Analog Devices AD8200 Datasheet HTML 3Page - Analog Devices AD8200 Datasheet HTML 4Page - Analog Devices AD8200 Datasheet HTML 5Page - Analog Devices AD8200 Datasheet HTML 6Page - Analog Devices AD8200 Datasheet HTML 7Page - Analog Devices AD8200 Datasheet HTML 8Page - Analog Devices AD8200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
AD8200
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8200 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.5 V
Transient Input Voltage (300 ms) . . . . . . . . . . . . . . . . . . 44 V
Continuous Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . 35 V
Reversed Supply Voltage Protection . . . . . . . . . . . . . . . . 0.3 V
Operating Temperature
DIE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +150°C
SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
*Stresses beyond those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; the functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range Package Description Package Option
AD8200YR
–40
°C to +125°C
SOIC
R-8
AD8200YR-Reel
–40
°C to +125°C
SOIC
R-8
AD8200YR-Reel-7 –40
°C to +125°C
SOIC
R-8
AD8200YCHIPS
–40
°C to +150°CDIE Form
AD8200YCSURF
–40
°C to +150°CDIE Form
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
–IN
GND
A1
A2
+IN
NC
+VS
OUT
AD8200
METALLIZATION PHOTOGRAPH
+IN
–IN
1
8
GND
2
A1
3
+VS
6
OUT
5
A2
4


Similar Part No. - AD8200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8200 AD-AD8200 Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200CHIPS AD-AD8200CHIPS Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200R AD-AD8200R Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200 AD-AD8200_15 Datasheet
947Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
More results

Similar Description - AD8200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202_05 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202 Datasheet
269Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. A
AD8200 AD-AD8200 Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200 AD-AD8200_15 Datasheet
947Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8203 AD-AD8203 Datasheet
313Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com