Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8129AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD8129AR
Description  Low Cost 270 MHz Differential Receiver Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8129AR Datasheet HTML 4Page - Analog Devices AD8129AR Datasheet HTML 5Page - Analog Devices AD8129AR Datasheet HTML 6Page - Analog Devices AD8129AR Datasheet HTML 7Page - Analog Devices AD8129AR Datasheet HTML 8Page - Analog Devices AD8129AR Datasheet HTML 9Page - Analog Devices AD8129AR Datasheet HTML 10Page - Analog Devices AD8129AR Datasheet HTML 11Page - Analog Devices AD8129AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD8129/AD8130
Rev. C | Page 8 of 40
AD8129
AD8130
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DC PERFORMANCE
Closed-Loop Gain Error
VOUT = ±1 V, RL ≥ 150 Ω
±0.8
±1.8
±0.15
±0.6
%
TMIN to TMAX
20
10
ppm/°C
Open-Loop Gain
VOUT = ±1 V
87
73
dB
Gain Nonlinearity
VOUT = ±1 V
250
200
ppm
Input Offset Voltage
0.2
0.8
0.4
1.8
mV
TMIN to TMAX
2
20
μV/°C
TMIN to TMAX
1.4
3.5
mV
Input Offset Voltage vs. Supply
+VS = +12 V, −VS =
–11.0 V to −13.0 V
−88
−82
−77
−70
dB
−VS = −12 V, +VS =
+11.0 V to +13.0 V
−92
−84
−88
−70
dB
Input Bias Current (+IN, −IN)
±0.25
±2
±0.25
±2
μA
Input Bias Current (REF, FB)
±0.5
±3.5
±0.5
±3.5
μA
TMIN to TMAX
(+IN, −IN, REF, FB)
2.5
2.5
nA/°C
Input Offset Current
(+IN, −IN, REF, FB)
±0.08
±0.4
±0.08
±0.4
μA
TMIN to TMAX
0.2
0.2
nA/°C
OUTPUT PERFORMANCE
Voltage Swing
RLOAD = 700 Ω
±10.8
±10.8
V
Output Current
40
40
mA
Short-Circuit Current
To common
−60/+55
−60/+55
mA
TMIN to TMAX
−240
−240
μA/°C
Output Impedance
PD ≤ VIL, in power-
down mode
10
10
pF
POWER SUPPLY
Operating Voltage Range
Total supply voltage
±2.25
±12.6
±2.25
±12.6
V
Quiescent Supply Current
13
13.9
13
13.9
mA
TMIN to TMAX
43
43
μA°C
PD ≤ VIL
0.73
0.9
0.73
0.9
mA
PD ≤ VIL, TMIN to TMAX
1.1
1.1
mA
PD PIN
VIH
+VS − 1.5
+VS − 1.5
V
VIL
+VS − 2.5
+VS − 2.5
V
IIH
PD = min VIH
−30
−30
μA
IIL
PD = max VIL
−50
−50
μA
Input Resistance
PD ≤ +VS − 3 V
3
3
PD ≥ +VS − 2 V
100
100
Enable Time
0.5
0.5
μs
OPERATING TEMPERATURE
RANGE
−40
+85
−40
+85
°C


Similar Part No. - AD8129AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8129AR AD-AD8129AR Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129AR-REEL1 AD-AD8129AR-REEL1 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129AR-REEL72 AD-AD8129AR-REEL72 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129ARM AD-AD8129ARM Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129ARM-REEL3 AD-AD8129ARM-REEL3 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
More results

Similar Description - AD8129AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com