Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYQ28ED-200 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYQ28ED-200
Description  Rectifier diodes ultrafast, rugged
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ28ED-200 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYQ28ED-200 Datasheet HTML 1Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 2Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 3Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 4Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 5Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 6Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 7Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYQ28E, BYQ28EB, BYQ28ED series
ultrafast, rugged
Fig.7. Maximum t
rr at Tj = 25 ˚C; per diode
Fig.8. Maximum I
rrm at Tj = 25 ˚C; per diode
Fig.9. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.10. Maximum Q
s at Tj = 25 ˚C; per diode
Fig.11. Transient thermal impedance; per diode;
Z
th j-mb = f(tp).
1
10
trr / ns
110
100
1000
100
dIF/dt (A/us)
IF=1A
IF=5A
0.1
1.0
10
100
Qs / nC
1.0
10
100
-dIF/dt (A/us)
IF=5A
IF=2A
IF=1A
10
1
0.1
0.01
Irrm / A
1
10
100
-dIF/dt (A/us)
IF=5A
IF=1A
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BYQ28E
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
01
15
10
5
0
0.5
VF / V
1.5
IF / A
typ
max
Tj=150C
Tj=25C
BYQ28
October 1998
4
Rev 1.300


Similar Part No. - BYQ28ED-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28ED-200 NXP-BYQ28ED-200 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
logo
WeEn Semiconductors
BYQ28ED-200 WEEN-BYQ28ED-200 Datasheet
415Kb / 11P
   Rectifier diodes ultrafast, rugged
logo
Inchange Semiconductor ...
BYQ28ED-200 ISC-BYQ28ED-200 Datasheet
288Kb / 2P
   Ultrafast Recovery Rectifier
logo
WeEn Semiconductors
BYQ28ED-200PL WEEN-BYQ28ED-200PL Datasheet
375Kb / 10P
   Dual ultrafast power diodes
More results

Similar Description - BYQ28ED-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com