Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7400 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7400
Description  Isolated Sigma-Delta Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7400 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7400 Datasheet HTML 3Page - Analog Devices AD7400 Datasheet HTML 4Page - Analog Devices AD7400 Datasheet HTML 5Page - Analog Devices AD7400 Datasheet HTML 6Page - Analog Devices AD7400 Datasheet HTML 7Page - Analog Devices AD7400 Datasheet HTML 8Page - Analog Devices AD7400 Datasheet HTML 9Page - Analog Devices AD7400 Datasheet HTML 10Page - Analog Devices AD7400 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7400
Rev. A | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. All voltages are relative to
their respective ground.
Table 6.
Parameter
Rating
VDD1 to GND1
−0.3 V to +6.5 V
VDD2 to GND2
−0.3 V to +6.5 V
Analog Input Voltage to GND1
−0.3 V to VDD1 + 0.3 V
Output Voltage to GND2
−0.3 V to VDD2 + 0.3 V
Input Current to Any Pin Except
Supplies1
±10 mA
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
113°C (UL)2
SOIC Package
θJA Thermal Impedance
89.2°C/W
θJC Thermal Impedance
55.6°C/W
Resistance (Input-to-Output), RI-O
1012 Ω
Capacitance (Input-to-Output), CI-O3
1.7 pF typ
Pb-Free Temperature, Soldering
Reflow
260 (+0)°C
ESD
1.5 kV
1 Transient currents of up to 100 mA do not cause SCR to latch up.
2 UL certification applies up to 113°C only.
3 f = 1 MHz.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 7. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC Voltage,
Bipolar Waveform
565
VPK
50-year minimum lifetime
AC Voltage,
Unipolar Waveform
891
VPK
Maximum CSA/VDE
approved working voltage
DC Voltage
891
V
Maximum CSA/VDE
approved working voltage
1 Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION


Similar Part No. - AD7400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
AD7400 AD-AD7400 Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400A AD-AD7400A Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
More results

Similar Description - AD7400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400A AD-AD7400A_V01 Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com