Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7711N Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7711N
Description  Ballast Control IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7711N Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7711N Datasheet HTML 1Page - Fairchild Semiconductor FAN7711N Datasheet HTML 2Page - Fairchild Semiconductor FAN7711N Datasheet HTML 3Page - Fairchild Semiconductor FAN7711N Datasheet HTML 4Page - Fairchild Semiconductor FAN7711N Datasheet HTML 5Page - Fairchild Semiconductor FAN7711N Datasheet HTML 6Page - Fairchild Semiconductor FAN7711N Datasheet HTML 7Page - Fairchild Semiconductor FAN7711N Datasheet HTML 8Page - Fairchild Semiconductor FAN7711N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7711 Rev. 1.0.2
5
Electrical Characteristics
VBIAS (VDD, VBS) = 15.0V, TA = 25°C, unless otherwise specified.
Symbol
Characteristics
Condition
Min. Typ. Max. Unit
Supply Voltage Section
VDDTH(ST+) VDD UVLO positive going threshold
VDD increasing
12.4
13.4
14.4
V
VDDTH(ST-) VDD UVLO negative going threshold
VDD decreasing
10.8
11.6
12.4
VDDHY(ST) VDD-side UVLO hysteresis
1.8
VCL
Supply clamping voltage
IDD =10mA
14.8
15.2
IST
Start-up supply current
VDD = 10V
120
200
μA
IDD
Dynamic operating supply current
50kHz, CL = 1nF
3.2
mA
High-Side Supply Section (VB-VS)
VHSTH(ST+) High-side UVLO positive going threshold VBS increasing
8.5
9.2
10.0
V
VHSTH(ST-) High-side UVLO negative going threshold VBS decreasing
7.9
8.6
9.5
VHSHY(ST) High-side UVLO hysteresis
0.6
IHST
High-side quiescent supply current
VBS = 14V
50
μA
IHD
High-side dynamic operating supply
current
50kHz, CL = 1nF
1
mA
ILK
Offset supply leakage current
VB = VS = 600V
45
μA
Oscillator Section
VMPH
CPH pin preheating voltage range
2.5
3.0
3.5
V
IPH
CPH pin charging current during
preheating
VCPH = 1V
1.25
2.00
2.85
μA
IIG
CPH pin charging current during ignition
VCPH = 4V
8
12
16
VMO
CPH pin voltage level at running mode
7.0
V
fPRE
Preheating frequency
RT = 80k
Ω, VCPH = 2V
72
85
98
kHz
fOSC
Running frequency
RT = 80k
Ω
48.7
53.0
57.3
kHz
DTMAX
Maximum dead time
VCPH = 1V, VS = GND during
preheat mode
3.1
μs
DTMIN
Minimum dead time
VCPH = 6V, VS = GND during
run mode
1.0
μs
Output Section
IOH+
High-side driver sourcing current
PW = 10
μs
250
350
mA
IOH-
High-side driver sinking current
PW = 10
μs
500
650
IOL+
Low-side driver sourcing current
PW = 10
μs
250
350
IOL-
Low-side driver sink current
PW = 10
μs
500
650
tHOR
High-side driver turn-on rising time
CL = 1nF, VBS = 15V
45
ns
tHOL
High-side driver turn-off rising time
CL = 1nF, VBS = 15V
25
tLOR
Low-side driver turn-on rising time
CL = 1nF, VBS = 15V
45
tLOL
Low-side driver turn-off rising time
CL = 1nF, VBS = 15V
25
VS(2)
Maximum allowable negative VS swing
range for signal propagation to high-side
output
-9.8
V


Similar Part No. - FAN7711N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7711N FAIRCHILD-FAN7711N Datasheet
1Mb / 21P
   Ballast Control Integrated Circuit
logo
ON Semiconductor
FAN7711N ONSEMI-FAN7711N Datasheet
1Mb / 23P
   Ballast Control Integrated Circuit
May 2007 Rev. 1.0.3
More results

Similar Description - FAN7711N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com