Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1117DT33G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1117DT33G
Description  1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117DT33G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1117DT33G Datasheet HTML 1Page - ON Semiconductor NCP1117DT33G Datasheet HTML 2Page - ON Semiconductor NCP1117DT33G Datasheet HTML 3Page - ON Semiconductor NCP1117DT33G Datasheet HTML 4Page - ON Semiconductor NCP1117DT33G Datasheet HTML 5Page - ON Semiconductor NCP1117DT33G Datasheet HTML 6Page - ON Semiconductor NCP1117DT33G Datasheet HTML 7Page - ON Semiconductor NCP1117DT33G Datasheet HTML 8Page - ON Semiconductor NCP1117DT33G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP1117, NCV1117
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Cin = 10 mF, Cout = 10 mF, for typical value TA = 25°C, for min and max values TA is the
operating ambient temperature range that applies unless otherwise noted. (Note 4)
Characteristic
Symbol
Min
Typ
Max
Unit
Reference Voltage, Adjustable Output Devices
(Vin–Vout = 2.0 V, Iout = 10 mA, TA = 25°C)
(Vin–Vout = 1.4 V to 10 V, Iout = 10 mA to 800 mA) (Note 4)
Vref
1.238
1.225
1.25
1.262
1.270
V
Output Voltage, Fixed Output Devices
1.5 V
(Vin = 3.5 V, Iout = 10 mA, TA = 25 °C)
(Vin = 2.9 V to 11.5 V, Iout = 0 mA to 800 mA) (Note 4)
1.8 V
(Vin = 3.8 V, Iout = 10 mA, TA = 25 °C)
(Vin = 3.2 V to 11.8 V, Iout = 0 mA to 800 mA) (Note 4)
1.9 V
(Vin = 3.9 V, Iout = 10 mA, TA = 25 °C)
(Vin = 3.3 V to 11.9 V, Iout = 0 mA to 800 mA) (Note 4)
2.0 V
(Vin = 4.0 V, Iout = 10 mA, TA = 25 °C)
(Vin = 3.4 V to 12 V, Iout = 0 mA to 800 mA) (Note 4)
2.5 V
(Vin = 4.5 V, Iout = 10 mA, TA = 25 °C)
(Vin = 3.9 V to 10 V, Iout = 0 mA to 800 mA,) (Note 4)
2.85 V
(Vin = 4.85 V, Iout = 10 mA, TA = 25 °C)
(Vin = 4.25 V to 10 V, Iout = 0 mA to 800 mA) (Note 4)
(Vin = 4.0 V, Iout = 0 mA to 500 mA) (Note 5)
3.3 V
(Vin = 5.3 V, Iout = 10 mA, TA = 25 °C)
(Vin = 4.75 V to 10 V, Iout = 0 mA to 800 mA) (Note 4)
5.0 V
(Vin = 7.0 V, Iout = 10 mA, TA = 25 °C)
(Vin = 6.5 V to 12 V, Iout = 0 mA to 800 mA) (Note 4)
12 V
(Vin = 14 V, Iout = 10 mA, TA = 25 °C)
(Vin = 13.5 V to 20 V, Iout = 0 mA to 800 mA) (Note 4)
Vout
1.485
1.470
1.782
1.755
1.872
1.862
1.970
1.960
2.475
2.450
2.821
2.790
2.790
3.267
3.235
4.950
4.900
11.880
11.760
1.500
1.800
1.900
1.900
2.000
2.500
2.850
3.300
5.000
12.000
1.515
1.530
1.818
1.845
1.929
1.938
2.030
2.040
2.525
2.550
2.879
2.910
2.910
3.333
3.365
5.050
5.100
12.120
12.240
V
Line Regulation (Note 5)
Adjustable (Vin = 2.75 V to 16.25 V, Iout = 10 mA)
Regline
0.04
0.1
%
1.5 V
(Vin = 2.9 V to 11.5 V, Iout = 0 mA)
1.8 V
(Vin = 3.2 V to 11.8 V, Iout = 0 mA)
1.9 V
(Vin = 3.3 V to 11.9 V, Iout = 0 mA)
2.0 V
(Vin = 3.4 V to 12 V, Iout = 0 mA)
2.5 V
(Vin = 3.9 V to 10 V, Iout = 0 mA)
2.85 V
(Vin = 4.25 V to 10 V, Iout = 0 mA)
3.3 V
(Vin = 4.75 V to 15 V, Iout = 0 mA)
5.0 V
(Vin = 6.5 V to 15 V, Iout = 0 mA)
12 V
(Vin = 13.5 V to 20 V, Iout = 0 mA)
0.3
0.4
0.5
0.5
0.5
0.8
0.8
0.9
1.0
1.0
1.0
2.5
2.5
2.5
3.0
4.5
6.0
7.5
mV
Load Regulation (Note 5)
Adjustable (Iout = 10 mA to 800 mA, Vin = 4.25 V)
Regline
0.2
0.4
%
1.5 V
(Iout = 0 mA to 800 mA, Vin = 2.9 V)
1.8 V
(Iout = 0 mA to 800 mA, Vin = 3.2 V)
1.9 V
(Iout = 0 mA to 800 mA, Vin = 3.3 V)
2.0 V
(Iout = 0 mA to 800 mA, Vin = 3.4 V)
2.5 V
(Iout = 0 mA to 800 mA, Vin = 3.9 V)
2.85 V
(Iout = 0 mA to 800 mA, Vin = 4.25 V)
3.3 V
(Iout = 0 mA to 800 mA, Vin = 4.75 V)
5.0 V
(Iout = 0 mA to 800 mA, Vin = 6.5 V)
12 V
(Iout = 0 mA to 800 mA, Vin = 13.5 V)
2.3
2.6
2.7
3.0
3.3
3.8
4.3
6.7
16
5.5
6.0
6.0
6.0
7.5
8.0
10
15
28
mV
4. The regulator output current must not exceed 1.0 A with Vin greater than 12 V.
5. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP1117DT33G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117DT33G ONSEMI-NCP1117DT33G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117DT33G ONSEMI-NCP1117DT33G Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117DT33G ONSEMI-NCP1117DT33G Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results

Similar Description - NCP1117DT33G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
   Low drop fixed and adjustable positive voltage regulators
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com