Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYQ30EX Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYQ30EX
Description  Rectifier diodes ultrafast, rugged
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ30EX Datasheet(HTML) 3 Page - NXP Semiconductors

  BYQ30EX Datasheet HTML 1Page - NXP Semiconductors BYQ30EX Datasheet HTML 2Page - NXP Semiconductors BYQ30EX Datasheet HTML 3Page - NXP Semiconductors BYQ30EX Datasheet HTML 4Page - NXP Semiconductors BYQ30EX Datasheet HTML 5Page - NXP Semiconductors BYQ30EX Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYQ30EX series
ultrafast, rugged
Fig.1. Definition of t
rr, Qs and Irrm
Fig.2. Definition of V
fr
Fig.3. Maximum forward dissipation P
F = f(IF(AV)) per
diode; square current waveform where
I
F(AV) =IF(RMS) x √D.
Fig.4. Maximum forward dissipation P
F = f(IF(AV))per
diode; sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Fig.5. Maximum t
rr at Tj = 25 ˚C.
Fig.6. Maximum t
rr at Tj = 100 ˚C.
Q
s
100%
10%
time
dI
dt
F
I
R
I
F
I
rrm
t
rr
01
23
4
5
6
7
8
0
2
4
6
8
10
12
a = 1.57
1.9
2.2
2.8
4
BYQ30
Rs 0.025 Ohms
Vo = 0.75 V
Average forward current, IF(AV) (A)
Forward dissipation, PF (W)
Ths(max) / C
150
140
130
120
110
100
90
time
time
V F
V
fr
V F
I
F
1
10
trr / ns
1
10
100
1000
100
dIF/dt (A/us)
IF=1A
IF=10A
02468
10
12
0
2
4
6
8
10
12
0.5
0.2
0.1
BYQ30
Rs = 0.025 Ohms
Vo = 0.75 V
Average forward current, IF(AV) (A)
Forward dissipation, PF (W)
Ths(max) / C
150
140
130
120
110
90
80
D = 1.0
D =
tp
tp
T
T
t
I
1
10
trr / ns
1
10
100
1000
100
dIF/dt (A/us)
IF=10A
IF=1A
October 1998
3
Rev 1.200


Similar Part No. - BYQ30EX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ30E PHILIPS-BYQ30E Datasheet
62Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ30E-150 PHILIPS-BYQ30E-150 Datasheet
62Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ30E-200 PHILIPS-BYQ30E-200 Datasheet
62Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
logo
WeEn Semiconductors
BYQ30E-200 WEEN-BYQ30E-200 Datasheet
376Kb / 11P
   Dual ultrafast power diode
logo
NXP Semiconductors
BYQ30E-200 PHILIPS-BYQ30E-200_15 Datasheet
267Kb / 11P
   Dual ultrafast power diode
Rev. 4-1 September 2010
More results

Similar Description - BYQ30EX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com