Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1068AS-4R7N Datasheet(PDF) 1 Page - TOKO, Inc

Part # 1068AS-4R7N
Description  Fixed Inductors for Surface Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1068AS-4R7N Datasheet(HTML) 1 Page - TOKO, Inc

  1068AS-4R7N Datasheet HTML 1Page - TOKO, Inc 1068AS-4R7N Datasheet HTML 2Page - TOKO, Inc 1068AS-4R7N Datasheet HTML 3Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fixed Inductors for Surface Mounting 実装
づけ
用 固定インダクタ
DB3015C/DB3018C/DB3020C
3.2 Max.
45¡
0.9
(Unit:mm)
DIMENSIONS/外形寸法図
Recommended patterns
推奨パターン図
4.3
(Unit: mm)
1.7
FEATURES/特長
• Low profile (3.2mm Max. square,1.5/1.8/2.0mm Max. height).
• Magnetically shielded construction
• High carrent type and Low DC resistance type are released.
• Ideal for a variety of DC-DC converter inductor applications.
• RoHS compliant.
• 小型薄形構造(3.2mm角Max. 高さ1.5/1.8/2.0mmMax.)
• 閉磁路構造
• 高電流タイプと低直流抵抗タイプとを品揃え
• 各種機器のDC-DCコンバータ用インダクタに最適
• RoHS指令対応
TYPE DB3015C (High current Type 大電流タイプ, Quantity / reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max. (Typ.)
Inductance
Discrease Current(3)
(A) Max. (Typ.)
∆ L/L=30%
Temperature
Rise Current(3)
∆ T=40°C
(A) Max. (Typ.)
1068AS-1R0N
1.0
± 30
43 (36)
2.00 (2.70)
2.10 (2.50)
1068AS-1R2N
1.2
± 30
58 (48)
1.70 (2.30)
1.70 (2.00)
1068AS-1R6N
1.6
± 30
72 (60)
1.50 (2.00)
1.50 (1.75)
1068AS-2R0N
2.0
± 30
95 (79)
1.30 (1.80)
1.30 (1.50)
1068AS-2R4N
2.4
± 30
105 (87)
1.20 (1.60)
1.20 (1.40)
1068AS-3R0N
3.0
± 30
122 (102)
1.10 (1.50)
1.10 (1.30)
1068AS-3R6N
3.6
± 30
145 (122)
1.00 (1.40)
0.96 (1.10)
1068AS-3R9N
3.9
± 30
155 (130)
0.96 (1.30)
0.90 (1.00)
1068AS-4R7N
4.7
± 30
200 (165)
0.89 (1.20)
0.80 (0.93)
1068AS-5R6N
5.6
± 30
215 (180)
0.82 (1.10)
0.76 (0.90)
1068AS-6R8N
6.8
± 30
310 (255)
0.71 (0.95)
0.62 (0.71)
1068AS-8R2N
8.2
± 30
320 (265)
0.68 (0.90)
0.60 (0.69)
1068AS-100M
10.0
± 20
385 (320)
0.60 (0.80)
0.57 (0.67)
1068AS-120M
12.0
± 20
475 (395)
0.55 (0.73)
0.47 (0.55)
TYPE DB3015C (Low DC resistance Type 低直流抵抗タイプ, Quantity / reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max. (Typ.)
Inductance
Discrease Current(3)
(A) Max. (Typ.)
∆ L/L=30%
Temperature
Rise Current(3)
∆ T=40°C
(A) Max. (Typ.)
1068BS-1R0N
1.0
± 30
40 (33)
1.35 (1.80)
2.10 (2.50)
1068BS-1R2N
1.2
± 30
47 (39)
1.20 (1.60)
1.90 (2.30)
1068BS-1R6N
1.6
± 30
60 (50)
1.00 (1.40)
1.70 (2.00)
1068BS-2R0N
2.0
± 30
72 (60)
0.93 (1.20)
1.50 (1.70)
1068BS-2R4N
2.4
± 30
84 (68)
0.83 (1.10)
1.40 (1.60)
1068BS-3R0N
3.0
± 30
102 (85)
0.76 (1.00)
1.20 (1.40)
1068BS-3R6N
3.6
± 30
115 (95)
0.70 (0.95)
1.10 (1.30)
1068BS-4R3N
4.3
± 30
140 (115)
0.65 (0.87)
1.00 (1.20)
1068BS-4R7N
4.7
± 30
155 (130)
0.60 (0.80)
0.90 (1.10)
1068BS-5R6N
5.6
± 30
165 (135)
0.56 (0.75)
0.85 (1.00)
1068BS-6R8N
6.8
± 30
200 (165)
0.51 (0.67)
0.80 (0.96)
1068BS-8R2N
8.2
± 30
245 (205)
0.45 (0.60)
0.70 (0.83)
1068BS-100M
10.0
± 20
285 (235)
0.41 (0.55)
0.63 (0.75)
1068BS-120M
12.0
± 20
370 (310)
0.36 (0.50)
0.55 (0.65)
1068BS-150M
15.0
± 20
480 (400)
0.33 (0.45)
0.43 (0.51)
1068BS-180M
18.0
± 20
550 (460)
0.30 (0.40)
0.41 (0.49)
1068BS-220M
22.0
± 20
635 (530)
0.27 (0.37)
0.36 (0.43)
Inductance Range:
1.0~22µH (DB3015C),1.0~27µH (DB3018C),1.0~39µH (DB3020C)
SELECTION GUIDE FOR STANDARD COILS
*DB3015C:1.5mm Max. height
DB3018C:1.8mm Max. height
DB3020C:2.0mm Max. height


Similar Part No. - 1068AS-4R7N

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1068A BELDEN-1068A Datasheet
157Kb / 2P
   Inst, 24 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1068A-0102500 BELDEN-1068A-0102500 Datasheet
157Kb / 2P
   Inst, 24 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1068A-0105000 BELDEN-1068A-0105000 Datasheet
157Kb / 2P
   Inst, 24 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
More results

Similar Description - 1068AS-4R7N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
   Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com