Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD605-EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD605-EB
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605-EB Datasheet(HTML) 1 Page - Analog Devices

  AD605-EB Datasheet HTML 1Page - Analog Devices AD605-EB Datasheet HTML 2Page - Analog Devices AD605-EB Datasheet HTML 3Page - Analog Devices AD605-EB Datasheet HTML 4Page - Analog Devices AD605-EB Datasheet HTML 5Page - Analog Devices AD605-EB Datasheet HTML 6Page - Analog Devices AD605-EB Datasheet HTML 7Page - Analog Devices AD605-EB Datasheet HTML 8Page - Analog Devices AD605-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual, Low Noise, Single-Supply
Variable Gain Amplifier
AD605
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
2 independent linear-in-dB channels
Input noise at maximum gain: 1.8 nV/√Hz, 2.7 pA/√Hz
Bandwidth: 40 MHz (–3 dB)
Differential input
Absolute gain range programmable
–14 dB to +34 dB (FBK shorted to OUT) through
0 dB to 48 dB (FBK open)
Variable gain scaling: 20 dB/V through 40 dB/V
Stable gain with temperature and supply variations
Single-ended unipolar gain control
Output common mode independently set
Power shutdown at lower end of gain control
Single 5 V supply
Low power: 90 mW/channel
Drives ADCs directly
APPLICATIONS
Ultrasound and sonar time-gain controls
High performance AGC systems
Signal measurement
FUNCTIONAL BLOCK DIAGRAM
PRECISION PASSIVE
INPUT ATTENUATOR
FIXED GAIN
AMPLIFIER
+34.4dB
DIFFERENTIAL
ATTENUATOR
0 TO –48.4dB
OUT
VOCM
VGN
VREF
+IN
–IN
GAIN
CONTROL
AND
SCALING
FBK
AD605
Figure 1.
GENERAL DESCRIPTION
The AD605 is a low noise, accurate, dual channel, linear-in-dB
variable gain amplifier, optimized for any application requiring
high performance, wide bandwidth variable gain control.
Operating from a single 5 V supply, the AD605 provides
differential inputs and unipolar gain control for ease of use.
Added flexibility is achieved with a user-determined gain range
and an external reference input that provides user-determined
gain scaling (dB/V).
The high performance linear-in-dB response of the AD605 is
achieved with the differential input, single-supply, exponential
amplifier (DSX-AMP) architecture. Each of the DSX-AMPs
comprise a variable attenuator of 0 dB to −48.4 dB followed by a
high speed fixed gain amplifier. The attenuator is based on a
7-stage R-1.5R ladder network. The attenuation between tap
points is 6.908 dB, and 48.360 dB for the entire ladder network.
The DSX-AMP architecture results in 1.8 nV/√Hz input noise
spectral density and accepts a ±2.0 V input signal when VOCM
is biased at VP/2.
Each independent channel of the AD605 provides a gain range
of 48 dB that can be optimized for the application. Gain ranges
between −14 dB to +34 dB and 0 dB to +48 dB can be selected
by a single resistor between Pin FBK and Pin OUT. The lower
and upper gain ranges are determined by shorting Pin FBK to
Pin OUT, or leaving Pin FBK unconnected, respectively. The
two channels of the AD605 can be cascaded to provide 96 dB of
very accurate gain range in a monolithic package.
The gain control interface provides an input resistance of
approximately 2 MΩ and scale factors from 20 dB/V to 30 dB/V
for a VREF input voltage of 2.5 V to 1.67 V, respectively. Note
that scale factors up to 40 dB/V are achievable with reduced
accuracy for scales above 30 dB/V. The gain scales linearly in dB
with control voltages (VGN) of 0.4 V to 2.4 V for the 20 dB/V
scale and 0.20 V to 1.20 V for the 40 dB/V scale. When VGN is
<50 mV, the amplifier is powered down to draw 1.9 mA. Under
normal operation, the quiescent supply current of each
amplifier channel is only 18 mA.
The AD605 is available in 16-lead PDIP and 16-lead SOIC_N
and is guaranteed for operation over the −40°C to +85°C
temperature range.


Similar Part No. - AD605-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605-EB AD-AD605-EB Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605-EB AD-AD605-EB Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
More results

Similar Description - AD605-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605 AD-AD605 Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605 AD-AD605_07 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605 AD-AD605_15 Datasheet
669Kb / 25P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. F
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com