Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5330 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5330
Description  10 MHz to 3 GHz VGA with 60 dB Gain Control Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5330 Datasheet HTML 5Page - Analog Devices ADL5330 Datasheet HTML 6Page - Analog Devices ADL5330 Datasheet HTML 7Page - Analog Devices ADL5330 Datasheet HTML 8Page - Analog Devices ADL5330 Datasheet HTML 9Page - Analog Devices ADL5330 Datasheet HTML 10Page - Analog Devices ADL5330 Datasheet HTML 11Page - Analog Devices ADL5330 Datasheet HTML 12Page - Analog Devices ADL5330 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5330
Rev. A | Page 9 of 24
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
40
30
20
10
0
–10
–20
–30
–40
–50
OP1dB (+25°C)
OP1dB (–40°C)
OP1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
Figure 15. OP1dB and OIP3 vs. Gain over Temperature at 100 MHz
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
40
20
30
10
–10
0
–30
–20
–40
OP1dB (+25°C)
OP1dB (–40°C)
OP1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
Figure 16. OP1dB and OIP3 vs. Gain over Temperature at 450 MHz
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
40
30
10
20
–10
0
–30
–20
–40
OP1dB (+25°C)
OP1dB (–40°C)
OP1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
Figure 17. OP1dB and OIP3 vs. Gain over Temperature at 900 MHz
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
30
10
20
–10
0
–30
–20
–40
–50
OP1dB (+25°C)
OP1dB (–40°C)
OP1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
Figure 18. OP1dB and OIP3 vs. Gain over Temperature at 2200 MHz
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
20
10
–10
0
–20
–40
–30
–50
OP1dB (+25°C)
OP1dB (–40°C)
OP1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
Figure 19. OP1dB and OIP3 vs. Gain over Temperature at 2700 MHz
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
250
200
150
100
50
0
TEMP = +85°C
TEMP = +25°C
TEMP = –40°C
Figure 20. Supply Current vs. VGAIN and Temperature


Similar Part No. - ADL5330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5330 AD-ADL5330 Datasheet
186Kb / 5P
   1 MHz - 3 GHz VGA with 60dB Gain Control Range
REV. A
ADL5330 AD-ADL5330 Datasheet
218Kb / 3P
   Stable, Closed-Loop Automatic Power Control for RF Applications
REV. B
ADL5330 AD-ADL5330 Datasheet
678Kb / 24P
   VGA with Gain Control Range
ADL5330-EVAL AD-ADL5330-EVAL Datasheet
678Kb / 24P
   VGA with Gain Control Range
ADL5330ACPZ-R2 AD-ADL5330ACPZ-R2 Datasheet
678Kb / 24P
   VGA with Gain Control Range
More results

Similar Description - ADL5330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5330 AD-ADL5330_15 Datasheet
870Kb / 24P
   10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
   1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
ADL5330 AD-ADL5330 Datasheet
186Kb / 5P
   1 MHz - 3 GHz VGA with 60dB Gain Control Range
REV. A
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
   VGA with Gain Control Range
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
   VGA with Gain Control Range
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
   35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
logo
Pasternack Enterprises,...
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
   11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
PE1527 PASTERNACK-PE1527 Datasheet
266Kb / 3P
   50 Ohm SMA Amplifier Operating From 10 MHz to 3 GHz With 14.5 dB Gain And 9.7 dB P1db
logo
RF Micro Devices
RDA2032Z RFMD-RDA2032Z Datasheet
897Kb / 11P
   50 MHz TO 1000 MHz DIGITAL VGA WITH 6-BIT 0.5 dB PARALLEL CONTROL
logo
Analog Devices
ADL5580 AD-ADL5580 Datasheet
783Kb / 22P
   Fully Differential, 10 GHz ADC Driver with 10 dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com