Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NCP1203D60R2 Datasheet(PDF) 15 Page - ON Semiconductor

Part No. NCP1203D60R2
Description  PWM Current−Mode Controller for Universal Off−Line Supplies Featuring Standby and Short Circuit Protection
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 15 page
background image
NCP1203
http://onsemi.com
15
PACKAGE DIMENSIONS
PDIP−8
N SUFFIX
CASE 626−05
ISSUE L
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
−A−
−B−
−T−
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
−−−
10
−−−
10
N
0.76
1.01
0.030
0.040
__
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NCP1203/D
The product described herein (NCP1203), may be covered by the following U.S. patents: 6,271,735, 6,362,067, 6,385,060, 6,429,709, 6,587,357. There may
be other patents pending.
SMARTMOS is a trademark of Motorola, Inc.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP1201_06PWM Current−Mode Controller for Universal Off−Line Supplies Featuring Low Standby Power with Fault Protection Modes 1 2 3 4 5 MoreON Semiconductor
NCP1200_06PWM Current−Mode Controller for Low−Power Universal Off−Line Supplies 1 2 3 4 5 MoreON Semiconductor
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
NCP1207A_06PWM Current−Mode Controller for Free Running Quasi−Resonant Operation 1 2 3 4 5 MoreON Semiconductor
NCP1337PWM Current−Mode Controller for Free Running Quasi−Resonant Operation 1 2 3 4 5 MoreON Semiconductor
NCP1030_06Low Power PWM Controller with On−Chip Power Switch and Startup Circuits for 48V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
ISL6327Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing 1 2 3 4 5 MoreIntersil Corporation
NCP4326Secondary Controller for Multi−Output Quasi−Resonant Switchmode Power Supplies 1 2 3 4 5 MoreON Semiconductor
MC44604_05High Safety Pulsed Mode Standby GreenLine TM PWM Controller 1 2 3 4 5 MoreON Semiconductor
NCP348Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl