Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCMP350 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP350
Description  Comparators and Reference Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP350 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP350 Datasheet HTML 1Page - Analog Devices ADCMP350 Datasheet HTML 2Page - Analog Devices ADCMP350 Datasheet HTML 3Page - Analog Devices ADCMP350 Datasheet HTML 4Page - Analog Devices ADCMP350 Datasheet HTML 5Page - Analog Devices ADCMP350 Datasheet HTML 6Page - Analog Devices ADCMP350 Datasheet HTML 7Page - Analog Devices ADCMP350 Datasheet HTML 8Page - Analog Devices ADCMP350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADCMP350/ADCMP352/ADCMP354/ADCMP356
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
−0.3 V to +6 V
VIN
−0.3 V to +25 V
OUT (Open Drain)
−0.3 V to +25 V
OUT (Push-Pull)
−0.3 V to (VCC + 0.3 V)
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
θJA Thermal Impedance, SC70
146°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADCMP350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP350 AD-ADCMP350 Datasheet
89Kb / 4P
   Comparator and Reference Circuits
Rev. PrB
ADCMP350 AD-ADCMP350 Datasheet
151Kb / 12P
   Comparators and Reference Circuits
REV. 0
ADCMP350 AD-ADCMP350 Datasheet
183Kb / 12P
   Comparators and Reference Circuits
REV. B
ADCMP350 AD-ADCMP350 Datasheet
183Kb / 12P
   Comparators and Reference Circuits
REV. B
ADCMP350 AD-ADCMP350 Datasheet
217Kb / 10P
   Comparators and Reference Circuits
More results

Similar Description - ADCMP350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP354YKSZ-REEL7 AD-ADCMP354YKSZ-REEL7 Datasheet
183Kb / 12P
   Comparators and Reference Circuits
REV. B
ADCMP350 AD-ADCMP350_18 Datasheet
217Kb / 10P
   Comparators and Reference Circuits
ADCMP350YKSZ-REEL7 AD-ADCMP350YKSZ-REEL7 Datasheet
183Kb / 12P
   Comparators and Reference Circuits
REV. B
ADCMP350YKS-REEL7 AD-ADCMP350YKS-REEL7 Datasheet
151Kb / 12P
   Comparators and Reference Circuits
REV. 0
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Analog Devices
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
   Dual 0.275% Comparators and Reference with Programmable Hysteresis
REV. 0
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com