Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1086 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1086
Description  1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1086 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1086_05 Datasheet HTML 1Page - ON Semiconductor NCP1086_05 Datasheet HTML 2Page - ON Semiconductor NCP1086_05 Datasheet HTML 3Page - ON Semiconductor NCP1086_05 Datasheet HTML 4Page - ON Semiconductor NCP1086_05 Datasheet HTML 5Page - ON Semiconductor NCP1086_05 Datasheet HTML 6Page - ON Semiconductor NCP1086_05 Datasheet HTML 7Page - ON Semiconductor NCP1086_05 Datasheet HTML 8Page - ON Semiconductor NCP1086_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP1086
http://onsemi.com
5
TCASE = 0°C
Figure 11. Ripple Rejection vs. Frequency
(Adjustable Output)
0
Output Current (A)
0.100
TCASE = 125°C
TCASE = 25°C
1.0
2.0
0.075
0.050
0.025
0
VIN − VOUT (V)
4.0
0.60
0.55
0.45
0.40
0.65
0.50
1.0
2.0
3.0
5.0
6.0
7.0
TCASE = 25°C
TCASE = 125°C
TCASE = 0°C
101
Frequency (Hz)
85
75
65
55
45
35
25
15
102
103
104
105
106
101
Frequency (Hz)
85
75
65
55
45
35
25
15
102
103
104
105
106
Figure 12. Ripple Rejection vs. Frequency
(3.3 V Fixed Output)
Figure 13. Load Regulation vs. Output Current
(Adjustable Output)
Figure 14. Minimum Load Current vs VIN − VOUT
(Adjustable Output)
TCASE = 25°C
IOUT = 6A
(VIN − VOUT = 3V)
VRIPPLE = 1.6VPP
CAdj = 0.1 mF
TCASE = 25°C
IOUT = 6A
(VIN − VOUT = 3V)
VRIPPLE = 1.6VPP
CIN = COUt = 22 mF Tantalum
APPLICATIONS INFORMATION
The
NCP1086
voltage
regulator
series
provides
adjustable and 3.3 V output voltages at currents up to 1.5 A.
The regulator is protected against overcurrent conditions
and includes thermal shutdown.
The NCP1086 series has a composite PNP−NPN output
transistor and requires an output capacitor for stability. A
detailed procedure for selecting this capacitor is included in
the Stability Considerations section.
Adjustable Operation
The adjustable output device has an output voltage range
of 1.25 V to 5.5 V. An external resistor divider sets the
output voltage as shown in Figure 15. The regulator
maintains a fixed 1.25 V (typical) reference between the
output pin and the adjust pin.
A resistor divider network R1 and R2 causes a fixed
current to flow to ground. This current creates a voltage
across R2 that adds to the 1.25 V across R1 and sets the
overall output voltage. The adjust pin current (typically
50
mA) also flows through R2 and adds a small error that
should be taken into account if precise adjustment of VOUT
is necessary.
The output voltage is set according to the formula:
VOUT + VREF
R1
) R2
R1
) IAdj
R2
The term IAdj
× R2 represents the error added by the adjust
pin current.


Similar Part No. - NCP1086_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086D2T-33 ONSEMI-NCP1086D2T-33 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086D2T-33R4 ONSEMI-NCP1086D2T-33R4 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086D2T-33R4G ONSEMI-NCP1086D2T-33R4G Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086D2T-ADJ ONSEMI-NCP1086D2T-ADJ Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086D2T-ADJR4 ONSEMI-NCP1086D2T-ADJR4 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
More results

Similar Description - NCP1086_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
   5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com