Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8551ARMZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8551ARMZ-REEL
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8551ARMZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8551ARMZ-REEL Datasheet HTML 3Page - Analog Devices AD8551ARMZ-REEL Datasheet HTML 4Page - Analog Devices AD8551ARMZ-REEL Datasheet HTML 5Page - Analog Devices AD8551ARMZ-REEL Datasheet HTML 6Page - Analog Devices AD8551ARMZ-REEL Datasheet HTML 7Page - Analog Devices AD8551ARMZ-REEL Datasheet HTML 8Page - Analog Devices AD8551ARMZ-REEL Datasheet HTML 9Page - Analog Devices AD8551ARMZ-REEL Datasheet HTML 10Page - Analog Devices AD8551ARMZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8551/AD8552/AD8554
Rev. C | Page 7 of 24
LOAD CURRENT (mA)
10
0.1
1
100
10k
1k
0.0001
0.001
0.01
0.1
1
10
100
VSY = 2.7V
TA = 25°C
SOURCE
SINK
Figure 13. Output Voltage to Supply Rail vs. Load Current at 2.7 V
0
–1000
–75
–50
125
–25
100
–250
–500
–750
150
VCM = 2.5V
VSY = 5V
TEMPERATURE (°C)
025
50
75
Figure 14. Input Bias Current vs. Temperature
1.0
0
–75
–50
125
–25
100
150
TEMPERATURE (°C)
025
50
75
0.8
0.6
0.4
0.2
VCM = 2.5V
VSY = 5V
5V
2.7V
Figure 15. Supply Current vs. Temperature
SUPPLY VOLTAGE (V)
800
0
700
400
300
200
100
600
500
06
1
TA = +25°C
23
45
Figure 16. Supply Current per Amplifier vs. Supply Voltage
FREQUENCY (Hz)
60
50
–40
40
30
20
10
0
–10
–20
–30
45
90
135
180
225
270
0
VSY = 2.7V
CL = 0pF
RL =
10k
100k
1M
10M
100M
Figure 17. Open-Loop Gain and Phase Shift vs. Frequency at 2.7 V
FREQUENCY (Hz)
60
50
–40
40
30
20
10
0
–10
–20
–30
45
90
135
180
225
270
0
VSY = 5V
CL = 0pF
RL =
10k
100k
1M
10M
100M
Figure 18. Open-Loop Gain and Phase Shift vs. Frequency at 5 V


Similar Part No. - AD8551ARMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8551ARMZ-REEL AD-AD8551ARMZ-REEL Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results

Similar Description - AD8551ARMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com