Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP623MN-40R2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP623MN-40R2
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623MN-40R2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP623MN-40R2 Datasheet HTML 3Page - ON Semiconductor NCP623MN-40R2 Datasheet HTML 4Page - ON Semiconductor NCP623MN-40R2 Datasheet HTML 5Page - ON Semiconductor NCP623MN-40R2 Datasheet HTML 6Page - ON Semiconductor NCP623MN-40R2 Datasheet HTML 7Page - ON Semiconductor NCP623MN-40R2 Datasheet HTML 8Page - ON Semiconductor NCP623MN-40R2 Datasheet HTML 9Page - ON Semiconductor NCP623MN-40R2 Datasheet HTML 10Page - ON Semiconductor NCP623MN-40R2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP623
http://onsemi.com
7
NCP623 Wake−up Improvement − In portable
applications, an immediate response to an enable signal is
vital. If noise is not a concern, the NCP623 without a bypass
capacitor settles in nearly 20
ms and typically delivers
65
mVRMS between 100 Hz and 100 kHz.
In ultra low−noise systems, the designer needs a 10 nF
bypass capacitor to decrease the noise down to 25
mVRMS
between 100 Hz and 100 kHz. With the addition of the 10 nF
capacitor, the wake−up time expands up to 1.0 ms as shown
on the data−sheet curves. If an immediate response is
wanted, Figure 5 provides a solution to charge the bypass
capacitor with the enable signal without degrading the noise
response of the NCP623.
At power−on, C4 is discharged. When the control logic
sends its wake−up signal by going high, the PNP base is
momentarily tied to ground. The PNP switch closes and
immediately charges the bypass capacitor C1 toward its
operating value. After a few
ms, the PNP opens and becomes
totally transparent to the regulator.
This circuit improves the response time of the regulator
which drops from 1.0 ms down to 30
ms. The value of C4
needs to be tweaked in order to avoid any bypass capacitor
overload during the wake−up transient.
Figure 4. A PNP Transistor Drives the
Bypass Pin when Enable Goes High (DFN6)
13
NCP623
+
+
C2
1.0 mF
C3
1.0 mF
Input
Output
C4
470 pF
C1
10 nF
R2
220 k
MMBT2902LT1
Q1
On/Off
2
64
5
Figure 5. A PNP Transistor Drives the
Bypass Pin when Enable Goes High (Micro8)
NCP623
+
C2
1.0 mF
Input
Output
75
6
8
24
3
1
+
C3
1.0 mF
C1
10 nF
On/Off
R2
220 k
C4
470 pF
MMBT2902LT1
Q1


Similar Part No. - NCP623MN-40R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623MN-40R2G ONSEMI-NCP623MN-40R2G Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
More results

Similar Description - NCP623MN-40R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com