Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP631GD2T Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP631GD2T
Description  3.0 A Linear Voltage Regulator with Soft?뭆tart
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP631GD2T Datasheet(HTML) 6 Page - ON Semiconductor

  NCP631GD2T Datasheet HTML 1Page - ON Semiconductor NCP631GD2T Datasheet HTML 2Page - ON Semiconductor NCP631GD2T Datasheet HTML 3Page - ON Semiconductor NCP631GD2T Datasheet HTML 4Page - ON Semiconductor NCP631GD2T Datasheet HTML 5Page - ON Semiconductor NCP631GD2T Datasheet HTML 6Page - ON Semiconductor NCP631GD2T Datasheet HTML 7Page - ON Semiconductor NCP631GD2T Datasheet HTML 8Page - ON Semiconductor NCP631GD2T Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NCP631
http://onsemi.com
6
APPLICATIONS INFORMATION
Input Capacitor
The minimum capacitance required for stability is a 68
mF
aluminum electrolytic or tantalum capacitor. The maximum
ESR allowed for stability is 5.0
W. The capacitor should be
place as close as possible to the input of the device.
The placement of a ceramic capacitor in parallel is not
recommend due to possible instabilities.
Output Capacitor
A minimum output capacitor value of 33
mF is required for
stability. The type of capacitor can be aluminum electrolytic
or tantalum capacitor. ESR can vary up to a maximum of
2.0
W for stability. The capacitor should be placed as close
as possible to the output of the device.
The placement of a ceramic capacitor in parallel is not
recommend due to possible instabilities.
Soft−Start Function
Slope of the output voltage during startup (Shutdown pin
goes from low to high) can be adjusted by value of Cs
capacitor. The basic formula for this function is:
dV
dt
+ Iss
Cs
+
Iout
Cout
*
Vref
Vout
(eq. 1)
Where:
Iss + 11 mA
(eq. 2)
Vref + 1.2 V
Vout + 3.47 V
Cs
+ 10 nF (typ)
Output current limitation during start−up:
Iout +
Vout
Vref
*Cout *
Iss
Cs
(eq. 3)
An example for Cout = 500
mF, Cs = 10 nF:
Iout +
3.47
1.2
* 500E
* 6* 11E * 6
10E
* 9 +
1.59 A (eq. 4)
Time when the output voltage will reach target value can be
determined by:
Ts
+ Vref * Cs
Iss
(eq. 5)
An example for Cs = 10 nF:
Ts
+ 1.2 * 10E * 9
11E
* 6 +
1.09 ms
(eq. 6)
Figure 13. Typical Soft−Start Condition
2
0
4
2
0
2
1
0
2
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TIME (mS)
Vin = 5.5 V, Rout = 6.0 W, Cs = 10 nF
Cout = 385 mF + 33 mF + 22 mF
3


Similar Part No. - NCP631GD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP631GD2TR4 ONSEMI-NCP631GD2TR4 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
More results

Similar Description - NCP631GD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP631 ONSEMI-NCP631 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
NCP59749 ONSEMI-NCP59749 Datasheet
253Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
March, 2014 ??Rev. 0
NCP59744 ONSEMI-NCP59744 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
January, 2015 ??Rev. 1
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
NCP5666 ONSEMI-NCP5666 Datasheet
204Kb / 9P
   3.0 A, Low Dropout Linear Regulator with Enable
October, 2007 - Rev. 1
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com