Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP630AD2TR4 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP630AD2TR4
Description  3.0 A Fast Linear Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP630AD2TR4 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP630AD2TR4 Datasheet HTML 2Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 3Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 4Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 5Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 6Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 7Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 8Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 9Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NCP630
http://onsemi.com
10
PACKAGE DIMENSIONS
8.38
0.33
1.016
0.04
16.02
0.63
10.66
0.42
3.05
0.12
1.702
0.067
SCALE 3:1
mm
inches
D2PAK
D2T SUFFIX
CASE 936A−02
ISSUE C
5 REF
A
12 3
K
B
S
H
D
G
C
E
M
L
P
N
R
V
U
TERMINAL 6
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. TAB CONTOUR OPTIONAL WITHIN DIMENSIONS A
AND K.
4. DIMENSIONS U AND V ESTABLISH A MINIMUM
MOUNTING SURFACE FOR TERMINAL 6.
5. DIMENSIONS A AND B DO NOT INCLUDE MOLD
FLASH OR GATE PROTRUSIONS. MOLD FLASH
AND GATE PROTRUSIONS NOT TO EXCEED 0.025
(0.635) MAXIMUM.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.386
0.403
9.804
10.236
INCHES
B
0.356
0.368
9.042
9.347
C
0.170
0.180
4.318
4.572
D
0.026
0.036
0.660
0.914
E
0.045
0.055
1.143
1.397
G
0.067 BSC
1.702 BSC
H
0.539
0.579
13.691
14.707
K
0.050 REF
1.270 REF
L
0.000
0.010
0.000
0.254
M
0.088
0.102
2.235
2.591
N
0.018
0.026
0.457
0.660
P
0.058
0.078
1.473
1.981
R
5 REF
S
0.116 REF
2.946 REF
U
0.200 MIN
5.080 MIN
V
0.250 MIN
6.350 MIN
__
45
M
0.010 (0.254)
T
−T−
OPTIONAL
CHAMFER
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NCP630/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NCP630AD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP630AD2TR4 ONSEMI-NCP630AD2TR4 Datasheet
90Kb / 10P
   3.0 A Fast Linear Voltage Regulators
January, 2003 - Rev. 3
More results

Similar Description - NCP630AD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP630 ONSEMI-NCP630 Datasheet
90Kb / 10P
   3.0 A Fast Linear Voltage Regulators
January, 2003 - Rev. 3
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
logo
Texas Instruments
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
[Old version datasheet]   1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3871 TI-LP3871_15 Datasheet
1Mb / 26P
[Old version datasheet]   LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com