Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP699SN15T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP699SN15T1G
Description  150 mA CMOS Low Iq LDO with Enable in TSOP??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP699SN15T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP699SN15T1G Datasheet HTML 1Page - ON Semiconductor NCP699SN15T1G Datasheet HTML 2Page - ON Semiconductor NCP699SN15T1G Datasheet HTML 3Page - ON Semiconductor NCP699SN15T1G Datasheet HTML 4Page - ON Semiconductor NCP699SN15T1G Datasheet HTML 5Page - ON Semiconductor NCP699SN15T1G Datasheet HTML 6Page - ON Semiconductor NCP699SN15T1G Datasheet HTML 7Page - ON Semiconductor NCP699SN15T1G Datasheet HTML 8Page - ON Semiconductor NCP699SN15T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCP699
http://onsemi.com
4
TYPICAL CHARACTERISTICS
200
−60
−40
0
20
40
60
80
150
100
50
0
100
TA, AMBIENT TEMPERATURE (°C)
Figure 2. Dropout Voltage vs. Temperature
250
450
3.010
−60
−40
−20
0
20
40
60
3.005
3.000
2.990
100
TEMPERATURE (
°C)
Figure 3. Output Voltage vs. Temperature
3.015
80
2.995
−60
−40
−20
0
20
40
60
43
39
37
100
TEMPERATURE (
°C)
Figure 4. Quiescent Current vs. Temperature
80
41
35
40
0
1.0
2.0
3.0
4.0
5.0
6.0
30
20
10
0
7.0
Vin, INPUT VOLTAGE (V)
Figure 5. Quiescent Current vs. Input Voltage
50
60
40
0
1.0
2.0
3.0
4.0
5.0
6.0
30
20
10
0
7.0
Vin, INPUT VOLTAGE (V)
Figure 6. Ground Pin Current vs. Input Voltage
50
60
40
100
1.0k
10k
100k
1.0M
30
20
10
0
FREQUENCY (Hz)
Figure 7. Ripple Rejection vs. Frequency
50
60
70
Vin = 6.0 V
Vin = 4.0 V
Vin = 4.0 V
Vout = 3.0 V
Iout = 0 mA
Vout = 3.0 V
Iout = 0 mA
TA = 25°C
Cin = 1.0 mF
Cout = 1.0 mF
Vout = 3.0 V
Iout = 30 mA
TA = 25°C
Cin = 1.0 mF
Cout = 1.0 mF
Vin = 4.0 V
Cout = 1.0 mF
Iout = 30 mA
Vin = 4.0 V
Vout = 3.0 V
Iout = 150 mA
300
−20
Vout = 3.0 V
Iout = 1.0 mA
42
38
36
40
350
400


Similar Part No. - NCP699SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP699SN15T1G ONSEMI-NCP699SN15T1G Datasheet
220Kb / 8P
   150 mA CMOS Low Iq LDO with Enable in TSOP-5
January, 2009 ??Rev. 8
More results

Similar Description - NCP699SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP699SN34T1G ONSEMI-NCP699SN34T1G Datasheet
220Kb / 8P
   150 mA CMOS Low Iq LDO with Enable in TSOP-5
January, 2009 ??Rev. 8
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com