Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP612SQ15T1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP612SQ15T1
Description  100 mA CMOS Low Iq Voltage Regulator in an SC70??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP612SQ15T1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP612SQ15T1 Datasheet HTML 3Page - ON Semiconductor NCP612SQ15T1 Datasheet HTML 4Page - ON Semiconductor NCP612SQ15T1 Datasheet HTML 5Page - ON Semiconductor NCP612SQ15T1 Datasheet HTML 6Page - ON Semiconductor NCP612SQ15T1 Datasheet HTML 7Page - ON Semiconductor NCP612SQ15T1 Datasheet HTML 8Page - ON Semiconductor NCP612SQ15T1 Datasheet HTML 9Page - ON Semiconductor NCP612SQ15T1 Datasheet HTML 10Page - ON Semiconductor NCP612SQ15T1 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NCP612, NCV612
http://onsemi.com
9
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping
NCP612SQ15T1
1.5
LHO
SC70−5
3000 Units/Tape & Reel
NCP612SQ15T1G
SC70−5
(Pb−Free)
NCP612SQ18T1
1.8
LHP
SC70−5
NCP612SQ18T1G
SC70−5
(Pb−Free)
NCP612SQ25T1
2.5
LHQ
SC70−5
NCP612SQ25T1G
SC70−5
(Pb−Free)
NCP612SQ27T1
2.7
LHR
SC70−5
NCP612SQ27T1G
SC70−5
(Pb−Free)
NCP612SQ28T1
2.8
LHS
SC70−5
NCP612SQ28T1G
SC70−5
(Pb−Free)
NCP612SQ30T1
3.0
LHT
SC70−5
NCP612SQ30T1G
SC70−5
(Pb−Free)
NCP612SQ31T1
3.1
LHU
SC70−5
NCP612SQ31T1G
SC70−5
(Pb−Free)
NCP612SQ33T1
3.3
LHV
SC70−5
NCP612SQ33T1G
SC70−5
(Pb−Free)
NCP612SQ37T1G
3.7
LKH
SC70−5
(Pb−Free)
NCP612SQ50T1
5.0
LHW
SC70−5
NCP612SQ50T1G
SC70−5
(Pb−Free)
NCV612SQ15T1*
1.5
LHO
SC70−5
NCV612SQ15T1G*
SC70−5
(Pb−Free)
NCV612SQ18T1*
1.8
LHP
SC70−5
NCV612SQ18T1G*
SC70−5
(Pb−Free)
NCV612SQ25T1*
2.5
LHQ
SC70−5
NCV612SQ25T1G*
SC70−5
(Pb−Free)
NCV612SQ27T1*
2.7
LHR
SC70−5
NCV612SQ27T1G*
SC70−5
(Pb−Free)
NCV612SQ28T1*
2.8
LHS
SC70−5
NCV612SQ28T1G*
SC70−5
(Pb−Free)


Similar Part No. - NCP612SQ15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612SQ15T1 ONSEMI-NCP612SQ15T1 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ15T1G ONSEMI-NCP612SQ15T1G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
More results

Similar Description - NCP612SQ15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ30T2G ONSEMI-NCP612SQ30T2G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
NCP502 ONSEMI-NCP502 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
NCP512 ONSEMI-NCP512 Datasheet
60Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70-5
November, 2003 ??Rev. 7
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com