Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP580 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP580
Description  Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP580 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP580_06 Datasheet HTML 1Page - ON Semiconductor NCP580_06 Datasheet HTML 2Page - ON Semiconductor NCP580_06 Datasheet HTML 3Page - ON Semiconductor NCP580_06 Datasheet HTML 4Page - ON Semiconductor NCP580_06 Datasheet HTML 5Page - ON Semiconductor NCP580_06 Datasheet HTML 6Page - ON Semiconductor NCP580_06 Datasheet HTML 7Page - ON Semiconductor NCP580_06 Datasheet HTML 8Page - ON Semiconductor NCP580_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCP580
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1
Vout
Regulated output voltage.
2
GND
Power supply ground.
3
CE
Chip enable pin.
4
Vin
Power supply input voltage.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
6.5
V
Input Voltage (CE or CE Pin)
VCE
−0.3 to Vin +0.3
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Output Current
Iout
140
mA
Power Dissipation
PD
150
mW
Operating Junction Temperature Range
TJ
−40 to +85
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (Vin = Vout + 1.0 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage
Vin
2.2
6.0
V
Output Voltage (Iout = 1.0 mA to 30 mA)
Vout
Vout X
0.985
Vout X
1.015
V
Line Regulation (Iout = 30 mA)
(Vout + 0.5 V v Vin v 6.0 V)
(Vout = 1.5 V, 2.2 V v Vin v 6.0 V)
Regline
0.02
0.10
%/V
Load Regulation (Iout = 1.0 mA to 120 mA)
Regload
12
40
mV
Dropout Voltage (Iout = 120 mA)
Vout = 1.5 V
Vout = 1.8 V
Vout = 2.5 V
2.8 V
v Vout v 3.3 V
VDO
0.36
0.28
0.24
0.18
0.70
0.40
0.35
0.28
V
Quiescent Current (Iout = 0 mA)
Iq
90
160
mA
Output Current
Iout
120
mA
Shutdown Current (Vin = VCE)
ISD
0.1
1.0
mA
Output Short Circuit Current (Vout = 0)
Ilim
40
mA
Ripple Rejection (Iout = 30 mA)
f = 1.0 kHz
(Vout = 1.5 V, Vin – Vout = 1.2 V)
(Vout w 2.5 V, Vin – Vout = 1.0 V)
RR
75
70
dB
Enable Input Threshold Voltage
High
Low
Vthenh
Vthenl
1.5
0
Vin
0.3
V
Output Noise Voltage (Bandwidth = 10 Hz to 100 kHz)
Vn
30
mVrms
Output Voltage Temperature Coefficient
(Iout = 30 mA, −40°C v TA v 85°C)
DVout/DT
"100
ppm/
°C


Similar Part No. - NCP580_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP580SQ15T1G ONSEMI-NCP580SQ15T1G Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580SQ18T1G ONSEMI-NCP580SQ18T1G Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580SQ25T1G ONSEMI-NCP580SQ25T1G Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580SQ28T1G ONSEMI-NCP580SQ28T1G Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580SQ30T1G ONSEMI-NCP580SQ30T1G Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
More results

Similar Description - NCP580_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com