Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8515-16PU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA8515-16PU
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8515-16PU Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA8515-16PU Datasheet HTML 1Page - ATMEL Corporation ATMEGA8515-16PU Datasheet HTML 2Page - ATMEL Corporation ATMEGA8515-16PU Datasheet HTML 3Page - ATMEL Corporation ATMEGA8515-16PU Datasheet HTML 4Page - ATMEL Corporation ATMEGA8515-16PU Datasheet HTML 5Page - ATMEL Corporation ATMEGA8515-16PU Datasheet HTML 6Page - ATMEL Corporation ATMEGA8515-16PU Datasheet HTML 7Page - ATMEL Corporation ATMEGA8515-16PU Datasheet HTML 8Page - ATMEL Corporation ATMEGA8515-16PU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
High-performance, Low-power AVR® 8-bit Microcontroller
RISC Architecture
– 130 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16 MHz
– On-chip 2-cycle Multiplier
Nonvolatile Program and Data Memories
– 8K Bytes of In-System Self-programmable Flash
Endurance: 10,000 Write/Erase Cycles
– Optional Boot Code Section with Independent Lock bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– 512 Bytes EEPROM
Endurance: 100,000 Write/Erase Cycles
– 512 Bytes Internal SRAM
– Up to 64K Bytes Optional External Memory Space
– Programming Lock for Software Security
Peripheral Features
– One 8-bit Timer/Counter with Separate Prescaler and Compare Mode
– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
– Three PWM Channels
– Programmable Serial USART
– Master/Slave SPI Serial Interface
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated RC Oscillator
– External and Internal Interrupt Sources
– Three Sleep Modes: Idle, Power-down and Standby
I/O and Packages
– 35 Programmable I/O Lines
– 40-pin PDIP, 44-lead TQFP, 44-lead PLCC, and 44-pad QFN/MLF
Operating Voltages
– 2.7 - 5.5V for ATmega8515L
– 4.5 - 5.5V for ATmega8515
Speed Grades
– 0 - 8 MHz for ATmega8515L
– 0 - 16 MHz for ATmega8515
8-bit
Microcontroller
with 8K Bytes
In-System
Programmable
Flash
ATmega8515
ATmega8515L
Summary
2512JS–AVR–10/06
Note: This is a summary document. A complete document
is available on our Web site at www.atmel.com.


Similar Part No. - ATMEGA8515-16PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8515-16PU ATMEL-ATMEGA8515-16PU Datasheet
2Mb / 254P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515-16PU ATMEL-ATMEGA8515-16PU Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8515-16PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com