Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA645V Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATMEGA645V
Description  8-bit Microcontroller with In-System Programmable Flash
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA645V Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATMEGA645V Datasheet HTML 2Page - ATMEL Corporation ATMEGA645V Datasheet HTML 3Page - ATMEL Corporation ATMEGA645V Datasheet HTML 4Page - ATMEL Corporation ATMEGA645V Datasheet HTML 5Page - ATMEL Corporation ATMEGA645V Datasheet HTML 6Page - ATMEL Corporation ATMEGA645V Datasheet HTML 7Page - ATMEL Corporation ATMEGA645V Datasheet HTML 8Page - ATMEL Corporation ATMEGA645V Datasheet HTML 9Page - ATMEL Corporation ATMEGA645V Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
ATmega325/3250/645/6450
2570JS–AVR–11/06
Comparison between
ATmega325,
ATmega3250,
ATmega645 and
ATmega6450
The ATmega325, ATmega3250, ATmega645, and ATmega6450 differs only in memory
sizes, pin count and pinout. Table 1 on page 6 summarizes the different configurations
for the four devices.
Pin Descriptions
The following section describes the I/O-pin special functions.
V
CC
Digital supply voltage.
GND
Ground.
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port A output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port A pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port A pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port B output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port B pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Port B has better driving capabilities than the other ports.
Por t B also ser v es the fu nctio n s of va r i ou s sp ecia l f e a t ur es of t h e
ATmega325/3250/645/6450 as listed on page 66.
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port C output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port C pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port C pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port D output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port D pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port D pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Por t D also se rve s t h e fu nctio n s of var i ous sp ecia l fea t u r es of th e
ATmega325/3250/645/6450 as listed on page 69.
Port E (PE7..PE0)
Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port E output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port E pins that are externally pulled low will source
Table 1. Configuration Summary
Device
Flash
EEPROM
RAM
General Purpose
I/O Pins
ATmega325
32K bytes
1K bytes
2K bytes
54
ATmega3250
32K bytes
1K bytes
2K bytes
69
ATmega645
64K bytes
2K bytes
4K bytes
54
ATmega6450
64K bytes
2K bytes
4K bytes
69


Similar Part No. - ATMEGA645V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA645V ATMEL-ATMEGA645V Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATmega645V ATMEL-ATmega645V Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA645V ATMEL-ATMEGA645V Datasheet
6Mb / 362P
   High Endurance Non-volatile Memory Segments
ATMEGA645V-8AI ATMEL-ATMEGA645V-8AI Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA645V-8AI ATMEL-ATMEGA645V-8AI Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
More results

Similar Description - ATMEGA645V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_06 Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
   8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com