Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA329V Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA329V
Description  8-bit Microcontroller with In-System Programmable Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA329V Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA329V Datasheet HTML 6Page - ATMEL Corporation ATMEGA329V Datasheet HTML 7Page - ATMEL Corporation ATMEGA329V Datasheet HTML 8Page - ATMEL Corporation ATMEGA329V Datasheet HTML 9Page - ATMEL Corporation ATMEGA329V Datasheet HTML 10Page - ATMEL Corporation ATMEGA329V Datasheet HTML 11Page - ATMEL Corporation ATMEGA329V Datasheet HTML 12Page - ATMEL Corporation ATMEGA329V Datasheet HTML 13Page - ATMEL Corporation ATMEGA329V Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
ATmega329/3290/649/6490
2552HS–AVR–11/06
(0xC2)
UCSR0C
-
UMSEL0
UPM01
UPM00
USBS0
UCSZ01
UCSZ00
UCPOL0
181
(0xC1)
UCSR0B
RXCIE0
TXCIE0
UDRIE0
RXEN0
TXEN0
UCSZ02
RXB80
TXB80
180
(0xC0)
UCSR0A
RXC0
TXC0
UDRE0
FE0
DOR0
UPE0
U2X0
MPCM0
179
(0xBF)
Reserved
-
-
-
-
-
-
-
-
(0xBE)
Reserved
-
-
-
-
-
-
-
-
(0xBD)
Reserved
-
-
-
-
-
-
-
-
(0xBC)
Reserved
-
-
-
-
-
-
-
-
(0xBB)
Reserved
-
-
-
-
-
-
-
-
(0xBA)
USIDR
USI Data Register
194
(0xB9)
USISR
USISIF
USIOIF
USIPF
USIDC
USICNT3
USICNT2
USICNT1
USICNT0
195
(0xB8)
USICR
USISIE
USIOIE
USIWM1
USIWM0
USICS1
USICS0
USICLK
USITC
196
(0xB7)
Reserved
-
-
-
-
-
-
-
-
(0xB6)
ASSR
-
-
-
EXCLK
AS2
TCN2UB
OCR2UB
TCR2UB
147
(0xB5)
Reserved
-
-
-
-
-
-
-
-
(0xB4)
Reserved
-
-
-
-
-
-
-
-
(0xB3)
OCR2A
Timer/Counter 2 Output Compare Register A
146
(0xB2)
TCNT2
Timer/Counter2
146
(0xB1)
Reserved
-
-
-
-
-
-
-
-
(0xB0)
TCCR2A
FOC2A
WGM20
COM2A1
COM2A0
WGM21
CS22
CS21
CS20
144
(0xAF)
Reserved
-
-
-
-
-
-
-
-
(0xAE)
Reserved
-
-
-
-
-
-
-
-
(0xAD)
Reserved
-
-
-
-
-
-
-
-
(0xAC)
Reserved
-
-
-
-
-
-
-
-
(0xAB)
Reserved
-
-
-
-
-
-
-
-
(0xAA)
Reserved
-
-
-
-
-
-
-
-
(0xA9)
Reserved
-
-
-
-
-
-
-
-
(0xA8)
Reserved
-
-
-
-
-
-
-
-
(0xA7)
Reserved
-
-
-
-
-
-
-
-
(0xA6)
Reserved
-
-
-
-
-
-
-
-
(0xA5)
Reserved
-
-
-
-
-
-
-
-
(0xA4)
Reserved
-
-
-
-
-
-
-
-
(0xA3)
Reserved
-
-
-
-
-
-
-
-
(0xA2)
Reserved
-
-
-
-
-
-
-
-
(0xA1)
Reserved
-
-
-
-
-
-
-
-
(0xA0)
Reserved
-
-
-
-
-
-
-
-
(0x9F)
Reserved
-
-
-
-
-
-
-
-
(0x9E)
Reserved
-
-
-
-
-
-
-
-
(0x9D)
Reserved
-
-
-
-
-
-
-
-
(0x9C)
Reserved
-
-
-
-
-
-
-
-
(0x9B)
Reserved
-
-
-
-
-
-
-
-
(0x9A)
Reserved
-
-
-
-
-
-
-
-
(0x99)
Reserved
-
-
-
-
-
-
-
-
(0x98)
Reserved
-
-
-
-
-
-
-
-
(0x97)
Reserved
-
-
-
-
-
-
-
-
(0x96)
Reserved
-
-
-
-
-
-
-
-
(0x95)
Reserved
-
-
-
-
-
-
-
-
(0x94)
Reserved
-
-
-
-
-
-
-
-
(0x93)
Reserved
-
-
-
-
-
-
-
-
(0x92)
Reserved
-
-
-
-
-
-
-
-
(0x91)
Reserved
-
-
-
-
-
-
-
-
(0x90)
Reserved
-
-
-
-
-
-
-
-
(0x8F)
Reserved
-
-
-
-
-
-
-
-
(0x8E)
Reserved
-
-
-
-
-
-
-
-
(0x8D)
Reserved
-
-
-
-
-
-
-
-
(0x8C)
Reserved
-
-
-
-
-
-
-
-
(0x8B)
OCR1BH
Timer/Counter1 Output Compare Register B High
130
(0x8A)
OCR1BL
Timer/Counter1 Output Compare Register B Low
130
(0x89)
OCR1AH
Timer/Counter1 Output Compare Register A High
130
(0x88)
OCR1AL
Timer/Counter1 Output Compare Register A Low
130
(0x87)
ICR1H
Timer/Counter1 Input Capture Register High
130
(0x86)
ICR1L
Timer/Counter1 Input Capture Register Low
130
(0x85)
TCNT1H
Timer/Counter1 High
130
(0x84)
TCNT1L
Timer/Counter1 Low
130
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA329V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329V ATMEL-ATMEGA329V Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V ATMEL-ATMEGA329V Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V ATMEL-ATMEGA329V Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega329V ATMEL-ATmega329V Datasheet
513Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega329V ATMEL-ATmega329V Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA329V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_06 Datasheet
322Kb / 27P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
   8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com