Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYM26G Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BYM26G
Description  Fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM26G Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BYM26G Datasheet HTML 4Page - NXP Semiconductors BYM26G Datasheet HTML 5Page - NXP Semiconductors BYM26G Datasheet HTML 6Page - NXP Semiconductors BYM26G Datasheet HTML 7Page - NXP Semiconductors BYM26G Datasheet HTML 8Page - NXP Semiconductors BYM26G Datasheet HTML 9Page - NXP Semiconductors BYM26G Datasheet HTML 10Page - NXP Semiconductors BYM26G Datasheet HTML 11Page - NXP Semiconductors BYM26G Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1996 May 24
10
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM26 series
handbook, halfpage
1
MBD435
10
10 2
10 3
1
10 2
10
V
(V)
R
C d
(pF)
BYM26F and G
f = 1 MHz; Tj =25 °C.
Fig.18 Diode capacitance as a function of reverse
voltage; typical values.
Fig.19 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50
handbook, full pagewidth
10
1
50
25 V
DUT
MAM057
+
t rr
0.5
0
0.5
1
IF
(A)
IR
(A)
t
0.25
Fig.20 Test circuit and reverse recovery time waveform and definition.
Input impedance oscilloscope: 1 M
Ω, 22 pF; tr ≤ 7 ns.
Source impedance: 50
Ω; tr ≤ 15 ns.


Similar Part No. - BYM26G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYM26G GULFSEMI-BYM26G Datasheet
72Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 2.3A
More results

Similar Description - BYM26G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com