Electronic Components Datasheet Search |
|
BYM26G Datasheet(PDF) 5 Page - NXP Semiconductors |
|
BYM26G Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 12 page 1996 May 24 5 Philips Semiconductors Product specification Fast soft-recovery controlled avalanche rectifiers BYM26 series GRAPHICAL DATA handbook, halfpage 0 200 2.4 0 MSA875 0.6 100 I F(AV) (A) 1.2 1.8 lead length (mm) 20 15 10 T ( C) o tp BYM26A to E a = 1.42; VR =VRRMmax; δ = 0.5. Switched mode application. Fig.2 Maximum average forward current as a function of tie-point temperature (including losses due to reverse leakage). handbook, halfpage 0 200 3 0 1 MBD421 100 I F(AV) (A) T ( C) o tp 2 lead length 10 mm BYM26F and G a = 1.42; VR =VRRMmax; δ = 0.5. Switched mode application. Fig.3 Maximum average forward current as a function of tie-point temperature (including losses due to reverse leakage). BYM26A to E a = 1.42; VR =VRRMmax; δ = 0.5. Device mounted as shown in Fig.19. Switched mode application. Fig.4 Maximum average forward current as a function of ambient temperature (including losses due to reverse leakage). handbook, halfpage 0 200 2.0 0 0.4 1.6 MLB490 100 I F(AV) (A) T ( C) o amb 0.8 1.2 handbook, halfpage 0 200 2.0 0 0.4 1.6 MBD416 100 I F(AV) (A) T ( C) o amb 0.8 1.2 BYM26F and G a = 1.42; VR =VRRMmax; δ = 0.5. Device mounted as shown in Fig.19. Switched mode application. Fig.5 Maximum average forward current as a function of ambient temperature (including losses due to reverse leakage). |
Similar Part No. - BYM26G |
|
Similar Description - BYM26G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |