Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8-16AI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATMEGA8-16AI
Description  8-bit with 8K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8-16AI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA8-16AI Datasheet HTML 4Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 5Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 6Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 7Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 9Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 10Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 11Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
ATmega8(L)
2486QS–AVR–10/06
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
11
0x3E (0x5E)
SPH
SP10
SP9
SP8
13
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
13
0x3C (0x5C)
Reserved
0x3B (0x5B)
GICR
INT1
INT0
IVSEL
IVCE
49, 67
0x3A (0x5A)
GIFR
INTF1
INTF0
–68
0x39 (0x59)
TIMSK
OCIE2
TOIE2
TICIE1
OCIE1A
OCIE1B
TOIE1
TOIE0
72, 102, 122
0x38 (0x58)
TIFR
OCF2
TOV2
ICF1
OCF1A
OCF1B
TOV1
TOV0
73, 103, 122
0x37 (0x57)
SPMCR
SPMIE
RWWSB
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
213
0x36 (0x56)
TWCR
TWINT
TWEA
TWSTA
TWSTO
TWWC
TWEN
TWIE
171
0x35 (0x55)
MCUCR
SE
SM2
SM1
SM0
ISC11
ISC10
ISC01
ISC00
33, 66
0x34 (0x54)
MCUCSR
WDRF
BORF
EXTRF
PORF
41
0x33 (0x53)
TCCR0
CS02
CS01
CS00
72
0x32 (0x52)
TCNT0
Timer/Counter0 (8 Bits)
72
0x31 (0x51)
OSCCAL
Oscillator Calibration Register
31
0x30 (0x50)
SFIOR
ACME
PUD
PSR2
PSR10
58, 75, 123, 193
0x2F (0x4F)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
FOC1A
FOC1B
WGM11
WGM10
97
0x2E (0x4E)
TCCR1B
ICNC1
ICES1
WGM13
WGM12
CS12
CS11
CS10
100
0x2D (0x4D)
TCNT1H
Timer/Counter1 – Counter Register High byte
101
0x2C (0x4C)
TCNT1L
Timer/Counter1 – Counter Register Low byte
101
0x2B (0x4B)
OCR1AH
Timer/Counter1 – Output Compare Register A High byte
101
0x2A (0x4A)
OCR1AL
Timer/Counter1 – Output Compare Register A Low byte
101
0x29 (0x49)
OCR1BH
Timer/Counter1 – Output Compare Register B High byte
101
0x28 (0x48)
OCR1BL
Timer/Counter1 – Output Compare Register B Low byte
101
0x27 (0x47)
ICR1H
Timer/Counter1 – Input Capture Register High byte
102
0x26 (0x46)
ICR1L
Timer/Counter1 – Input Capture Register Low byte
102
0x25 (0x45)
TCCR2
FOC2
WGM20
COM21
COM20
WGM21
CS22
CS21
CS20
117
0x24 (0x44)
TCNT2
Timer/Counter2 (8 Bits)
119
0x23 (0x43)
OCR2
Timer/Counter2 Output Compare Register
119
0x22 (0x42)
ASSR
AS2
TCN2UB
OCR2UB
TCR2UB
119
0x21 (0x41)
WDTCR
WDCE
WDE
WDP2
WDP1
WDP0
43
0x20(1) (0x40)(1)
UBRRH
URSEL
UBRR[11:8]
158
UCSRC
URSEL
UMSEL
UPM1
UPM0
USBS
UCSZ1
UCSZ0
UCPOL
156
0x1F (0x3F)
EEARH
–EEAR8
20
0x1E (0x3E)
EEARL
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
20
0x1D (0x3D)
EEDR
EEPROM Data Register
20
0x1C (0x3C)
EECR
EERIE
EEMWE
EEWE
EERE
20
0x1B (0x3B)
Reserved
0x1A (0x3A)
Reserved
0x19 (0x39)
Reserved
0x18 (0x38)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
65
0x17 (0x37)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
65
0x16 (0x36)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
65
0x15 (0x35)
PORTC
PORTC6
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
65
0x14 (0x34)
DDRC
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
65
0x13 (0x33)
PINC
PINC6
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
65
0x12 (0x32)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
65
0x11 (0x31)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
65
0x10 (0x30)
PIND
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
65
0x0F (0x2F)
SPDR
SPI Data Register
131
0x0E (0x2E)
SPSR
SPIF
WCOL
SPI2X
131
0x0D (0x2D)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
129
0x0C (0x2C)
UDR
USART I/O Data Register
153
0x0B (0x2B)
UCSRA
RXC
TXC
UDRE
FE
DOR
PE
U2X
MPCM
154
0x0A (0x2A)
UCSRB
RXCIE
TXCIE
UDRIE
RXEN
TXEN
UCSZ2
RXB8
TXB8
155
0x09 (0x29)
UBRRL
USART Baud Rate Register Low byte
158
0x08 (0x28)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
194
0x07 (0x27)
ADMUX
REFS1
REFS0
ADLAR
MUX3
MUX2
MUX1
MUX0
205
0x06 (0x26)
ADCSRA
ADEN
ADSC
ADFR
ADIF
ADIE
ADPS2
ADPS1
ADPS0
207
0x05 (0x25)
ADCH
ADC Data Register High byte
208
0x04 (0x24)
ADCL
ADC Data Register Low byte
208
0x03 (0x23)
TWDR
Two-wire Serial Interface Data Register
173
0x02 (0x22)
TWAR
TWA6
TWA5
TWA4
TWA3
TWA2
TWA1
TWA0
TWGCE
174


Similar Part No. - ATMEGA8-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8-16AI ATMEL-ATMEGA8-16AI Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8-16AI ATMEL-ATMEGA8-16AI Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8_08 Datasheet
4Mb / 308P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_09 Datasheet
485Kb / 19P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_1 Datasheet
6Mb / 307P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_10 Datasheet
520Kb / 25P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com