Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ATTINY25_06 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. ATTINY25_06
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 6 page
background image
6
2586JS–AVR–12/06
ATtiny25/45/85
4.
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
0x3F
SREG
I
T
H
S
V
N
Z
C
page 7
0x3E
SPH
SP9
SP8
page 10
0x3D
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
page 10
0x3C
Reserved
0x3B
GIMSK
INT0
PCIE
page 51
0x3A
GIFR
INTF0
PCIF
page 52
0x39
TIMSK
OCIE1A
OCIE1B
OCIE0A
OCIE0B
TOIE1
TOIE0
page 84/page 106
0x38
TIFR
OCF1A
OCF1B
OCF0A
OCF0B
TOV1
TOV0
page 84
0x37
SPMCSR
CTPB
RFLB
PGWRT
PGERS
SPMEN
page 148
0x36
Reserved
0x35
MCUCR
BODS
PUD
SE
SM1
SM0
BODSE
ISC01
ISC00
page 37,page 51, page 65,
0x34
MCUSR
WDRF
BORF
EXTRF
PORF
page 44,
0x33
TCCR0B
FOC0A
FOC0B
WGM02
CS02
CS01
CS00
page 82
0x32
TCNT0
Timer/Counter0
page 83
0x31
OSCCAL
Oscillator Calibration Register
page 31
0x30
TCCR1
CTC1
PWM1A
COM1A1
COM1A0
CS13
CS12
CS11
CS10
page 92, page 103
0x2F
TCNT1
Timer/Counter1
page 94, page 105
0x2E
OCR1A
Timer/Counter1 Output Compare Register A
page 94, page 105
0x2D
OCR1C
Timer/Counter1 Output Compare Register C
page 95, page 106
0x2C
GTCCR
TSM
PWM1B
COM1B1
COM1B0
FOC1B
FOC1A
PSR1
PSR0
page 79, page 93, page
0x2B
OCR1B
Timer/Counter1 Output Compare Register B
page 95
0x2A
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
WGM01
WGM00
page 79
0x29
OCR0A
Timer/Counter0 – Output Compare Register A
page 83
0x28
OCR0B
Timer/Counter0 – Output Compare Register B
page 84
0x27
PLLCSR
LSM
PCKE
PLLE
PLOCK
page 97, page 107
0x26
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
page 32
0x25
DT1A
DT1AH3
DT1AH2
DT1AH1
DT1AH0
DT1AL3
DT1AL2
DT1AL1
DT1AL0
page 109
0x24
DT1B
DT1BH3
DT1BH2
DT1BH1
DT1BH0
DT1BL3
DT1BL2
DT1BL1
DT1BL0
page 110
0x23
DTPS1
-
-
-
-
-
-
DTPS11
DTPS10
page 109
0x22
DWDR
DWDR[7:0]
page 145
0x21
WDTCR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
page 44
0x20
PRR
PRTIM1
PRTIM0
PRUSI
PRADC
page 36
0x1F
EEARH
EEAR8
page 19
0x1E
EEARL
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
page 19
0x1D
EEDR
EEPROM Data Register
page 19
0x1C
EECR
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
page 20
0x1B
Reserved
0x1A
Reserved
0x19
Reserved
0x18
PORTB
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
page 65
0x17
DDRB
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
page 65
0x16
PINB
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
page 65
0x15
PCMSK
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
page 52
0x14
DIDR0
ADC0D
ADC2D
ADC3D
ADC1D
AIN1D
AIN0D
page 125, page 143
0x13
GPIOR2
General Purpose I/O Register 2
page 9
0x12
GPIOR1
General Purpose I/O Register 1
page 9
0x11
GPIOR0
General Purpose I/O Register 0
page 9
0x10
USIBR
USI Buffer Register
page 119
0x0F
USIDR
USI Data Register
page 118
0x0E
USISR
USISIF
USIOIF
USIPF
USIDC
USICNT3
USICNT2
USICNT1
USICNT0
page 119
0x0D
USICR
USISIE
USIOIE
USIWM1
USIWM0
USICS1
USICS0
USICLK
USITC
page 120
0x0C
Reserved
0x0B
Reserved
0x0A
Reserved
0x09
Reserved
0x08
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIS1
ACIS0
page 124
0x07
ADMUX
REFS1
REFS0
ADLAR
REFS2
MUX3
MUX2
MUX1
MUX0
page 138
0x06
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
page 140
0x05
ADCH
ADC Data Register High Byte
page 141
0x04
ADCL
ADC Data Register Low Byte
page 141
0x03
ADCSRB
BIN
ACME
IPR
ADTS2
ADTS1
ADTS0
page 124, page 142
0x02
Reserved
0x01
Reserved
0x00
Reserved




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATMEGA3290P8-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165V_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA16_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA128_068-bit Microcontroller with 128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA64_068-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA32_068-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA8515_068-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA162_078-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA169V_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S23238-Bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl