Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ATMEGA16_06 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. ATMEGA16_06
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 6 page
background image
6
ATmega16(L)
2466NS–AVR–10/06
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
$3F ($5F)
SREG
I
T
H
S
V
N
Z
C
7
$3E ($5E)
SPH
SP10
SP9
SP8
10
$3D ($5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
10
$3C ($5C)
OCR0
Timer/Counter0 Output Compare Register
83
$3B ($5B)
GICR
INT1
INT0
INT2
IVSEL
IVCE
46, 67
$3A ($5A)
GIFR
INTF1
INTF0
INTF2
–68
$39 ($59)
TIMSK
OCIE2
TOIE2
TICIE1
OCIE1A
OCIE1B
TOIE1
OCIE0
TOIE0
83, 114, 132
$38 ($58)
TIFR
OCF2
TOV2
ICF1
OCF1A
OCF1B
TOV1
OCF0
TOV0
84, 115, 132
$37 ($57)
SPMCR
SPMIE
RWWSB
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
250
$36 ($56)
TWCR
TWINT
TWEA
TWSTA
TWSTO
TWWC
TWEN
TWIE
178
$35 ($55)
MCUCR
SM2
SE
SM1
SM0
ISC11
ISC10
ISC01
ISC00
30, 66
$34 ($54)
MCUCSR
JTD
ISC2
JTRF
WDRF
BORF
EXTRF
PORF
39, 67, 229
$33 ($53)
TCCR0
FOC0
WGM00
COM01
COM00
WGM01
CS02
CS01
CS00
81
$32 ($52)
TCNT0
Timer/Counter0 (8 Bits)
83
$31(1) ($51)(1)
OSCCAL
Oscillator Calibration Register
28
OCDR
On-Chip Debug Register
225
$30 ($50)
SFIOR
ADTS2
ADTS1
ADTS0
ACME
PUD
PSR2
PSR10
55,86,133,199,219
$2F ($4F)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
FOC1A
FOC1B
WGM11
WGM10
109
$2E ($4E)
TCCR1B
ICNC1
ICES1
WGM13
WGM12
CS12
CS11
CS10
112
$2D ($4D)
TCNT1H
Timer/Counter1 – Counter Register High Byte
113
$2C ($4C)
TCNT1L
Timer/Counter1 – Counter Register Low Byte
113
$2B ($4B)
OCR1AH
Timer/Counter1 – Output Compare Register A High Byte
113
$2A ($4A)
OCR1AL
Timer/Counter1 – Output Compare Register A Low Byte
113
$29 ($49)
OCR1BH
Timer/Counter1 – Output Compare Register B High Byte
113
$28 ($48)
OCR1BL
Timer/Counter1 – Output Compare Register B Low Byte
113
$27 ($47)
ICR1H
Timer/Counter1 – Input Capture Register High Byte
114
$26 ($46)
ICR1L
Timer/Counter1 – Input Capture Register Low Byte
114
$25 ($45)
TCCR2
FOC2
WGM20
COM21
COM20
WGM21
CS22
CS21
CS20
127
$24 ($44)
TCNT2
Timer/Counter2 (8 Bits)
129
$23 ($43)
OCR2
Timer/Counter2 Output Compare Register
129
$22 ($42)
ASSR
AS2
TCN2UB
OCR2UB
TCR2UB
130
$21 ($41)
WDTCR
WDTOE
WDE
WDP2
WDP1
WDP0
41
$20(2) ($40)(2)
UBRRH
URSEL
UBRR[11:8]
165
UCSRC
URSEL
UMSEL
UPM1
UPM0
USBS
UCSZ1
UCSZ0
UCPOL
164
$1F ($3F)
EEARH
–EEAR8
17
$1E ($3E)
EEARL
EEPROM Address Register Low Byte
17
$1D ($3D)
EEDR
EEPROM Data Register
17
$1C ($3C)
EECR
EERIE
EEMWE
EEWE
EERE
17
$1B ($3B)
PORTA
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
64
$1A ($3A)
DDRA
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
64
$19 ($39)
PINA
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
64
$18 ($38)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
64
$17 ($37)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
64
$16 ($36)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
64
$15 ($35)
PORTC
PORTC7
PORTC6
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
65
$14 ($34)
DDRC
DDC7
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
65
$13 ($33)
PINC
PINC7
PINC6
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
65
$12 ($32)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
65
$11 ($31)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
65
$10 ($30)
PIND
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
65
$0F ($2F)
SPDR
SPI Data Register
140
$0E ($2E)
SPSR
SPIF
WCOL
SPI2X
140
$0D ($2D)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
138
$0C ($2C)
UDR
USART I/O Data Register
161
$0B ($2B)
UCSRA
RXC
TXC
UDRE
FE
DOR
PE
U2X
MPCM
162
$0A ($2A)
UCSRB
RXCIE
TXCIE
UDRIE
RXEN
TXEN
UCSZ2
RXB8
TXB8
163
$09 ($29)
UBRRL
USART Baud Rate Register Low Byte
165
$08 ($28)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
200
$07 ($27)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
215
$06 ($26)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
217
$05 ($25)
ADCH
ADC Data Register High Byte
218
$04 ($24)
ADCL
ADC Data Register Low Byte
218
$03 ($23)
TWDR
Two-wire Serial Interface Data Register
180
$02 ($22)
TWAR
TWA6
TWA5
TWA4
TWA3
TWA2
TWA1
TWA0
TWGCE
180




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATMEGA169V8-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S23238-Bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA648-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90C85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 ATMEL Corporation
ATMEGA3290P8-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA32_068-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA6498-bit Microcontroller with In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA8_068-bit AVR with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA88-bit AVR with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY28L_068-bit Microcontroller with 2K Bytes of Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl