Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP565D2T12 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP565D2T12
Description  1.5 A Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP565D2T12 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP565D2T12 Datasheet HTML 1Page - ON Semiconductor NCP565D2T12 Datasheet HTML 2Page - ON Semiconductor NCP565D2T12 Datasheet HTML 3Page - ON Semiconductor NCP565D2T12 Datasheet HTML 4Page - ON Semiconductor NCP565D2T12 Datasheet HTML 5Page - ON Semiconductor NCP565D2T12 Datasheet HTML 6Page - ON Semiconductor NCP565D2T12 Datasheet HTML 7Page - ON Semiconductor NCP565D2T12 Datasheet HTML 8Page - ON Semiconductor NCP565D2T12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP565/NCV565
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Temperature
0.9005
0.9000
0.8995
0.8990
0.8985
0.8980
0.8975
0.8970
−50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
3.90
−50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
3.85
3.80
3.75
3.70
3.65
3.60
3.55
3.50
3.45
3.40
3.35
1.2
−50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
1.0
0.8
0.6
0.4
0.2
0
Iout = 1.5 A
Iout = 50 mA
1.16
−50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
1.14
1.12
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
−25
25
75
125
−25
25
75
125
−25
25
75
125
−25
25
75
125
Vin = 2.5 V
Vout = 0.9 V
Cin = Cout = 150 mF
Vin = 2.5 V
Vout = 0.9 V
Cin = Cout = 150 mF
Cin = Cout = 150 mF
Vin = 2.5 V
Vout = 0.9 V
Iout = 1.5 A
Cin = Cout = 150 mF
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
0
300
600
900
1200
1500
Iout, OUTPUT CURRENT (mA)
Figure 4. Output Voltage vs. Temperature
3.302
3.300
3.298
3.296
3.294
3.292
3.290
3.288
−50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
−25
25
75
125
Vin = 4.9 V
Vout = 3.3 V
Cin = Cout = 150 mF
Figure 5. Short Circuit Current Limit
vs. Temperature
Figure 6. Dropout Voltage vs. Temperature
Figure 7. Ground Current vs. Temperature
Figure 8. Ground Current vs. Output Current


Similar Part No. - NCP565D2T12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565D2T12 ONSEMI-NCP565D2T12 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565D2T12 ONSEMI-NCP565D2T12 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565D2T12G ONSEMI-NCP565D2T12G Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565D2T12R4 ONSEMI-NCP565D2T12R4 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565D2T12R4 ONSEMI-NCP565D2T12R4 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
More results

Similar Description - NCP565D2T12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
[Old version datasheet]   TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com