Electronic Components Datasheet Search |
|
NCP304LSQ33T1 Datasheet(PDF) 1 Page - ON Semiconductor |
|
NCP304LSQ33T1 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 23 page © Semiconductor Components Industries, LLC, 2006 May, 2006 − Rev. 18 1 Publication Order Number: NCP304/D NCP304, NCP305 Voltage Detector Series The NCP304 and NCP305 series are second generation ultra−low current voltage detectors. These devices are specifically designed for use as reset controllers in portable microprocessor based systems where extended battery life is paramount. Each series features a highly accurate undervoltage detector with hysteresis which prevents erratic system reset operation as the comparator threshold is crossed. The NCP304 series consists of complementary output devices that are available with either an active high or active low reset output. The NCP305 series has an open drain N−Channel output with an active low reset output. The NCP304 and NCP305 device series are available in the SC−82AB package with standard undervoltage thresholds. Additional thresholds that range from 0.9 V to 4.9 V in 100 mV steps can be manufactured. Features • Quiescent Current of 1.0 mA Typical • High Accuracy Undervoltage Threshold of 2.0% • Wide Operating Voltage Range of 0.8 V to 10 V • Complementary or Open Drain Reset Output • Active Low or Active High Reset Output • Pb−Free Packages are Available Typical Applications • Microprocessor Reset Controller • Low Battery Detection • Power Fail Indicator • Battery Backup Detection NCP305LSQxxT1 Open Drain Output Configuration NCP304xSQxxT1 Complementary Output Configuration Vref Vref Input Reset Output GND 4 1 2 Input Reset Output GND 4 1 2 * * The representative block diagram depicts active low reset output ‘L’ suffix devices. The comparator input is interchanged for the active high output ‘H’ suffix devices. This device contains 38 active transistors. This device contains 37 active transistors. Figure 1. Representative Block Diagrams See detailed ordering and shipping information in the ordering information section on page 19 of this data sheet. ORDERING INFORMATION SC−82AB SQ SUFFIX CASE 419C PIN CONNECTIONS AND MARKING DIAGRAM 4 1 Reset Output N.C. (Top View) xxx = Specific Device Code M = Date Code G = Pb−Free Package http://onsemi.com 1 2 43 GND Vin xxx M G G (Note: Microdot may be in either location) |
Similar Part No. - NCP304LSQ33T1 |
|
Similar Description - NCP304LSQ33T1 |