Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP511SN18T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP511SN18T1G
Description  150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511SN18T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP511SN18T1G Datasheet HTML 1Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 2Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 3Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 4Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 5Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 6Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 7Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 8Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP511
http://onsemi.com
4
45
40
30
35
25
5
0
2.5
1.5
3.0
1.0
2.0
0
3.5
39
03
2
1
Vin, INPUT VOLTAGE (V)
−50
50
45
35
50
25
0
40
30
25
20
−25
75
100
125
TEMPERATURE (
°C)
Iout, OUTPUT CURRENT (mA)
Vin, INPUT VOLTAGE (V)
04
3
2
15
6
05
7
0
75
100
50
125
25
150
35
41
33
37
25
43
45
Vout(nom.) = 3.0 V
Iout = 50 mA
TA = 25°C
56
0.5
10
15
20
31
29
27
Vin = Vout(nom.) + 0.5 V
Vout(nom.) = 3.0 V
IO = 0 mA
12
3
4
6
4
Vout(nom.) = 3.0 V
Vin = 5.0 V
TA = 25°C
Vout(nom.) = 3.0 V
IO = 0 mA
Cin = 1.0 mF
Cout = 1.0 mF
TA = 25°C
Venable = Vin
−60
200
180
160
140
20
0
−20
120
100
80
40
0
−40
40
60
140
TEMPERATURE (
°C)
20
60
80
100
120
Iout = 150 mA
Iout = 1 mA
Iout = 10 mA
Iout = 50 mA
Iout = 100 mA
350
200
0
450
Vin, INPUT VOLTAGE (V)
250
300
400
150
100
50
Vout(nom.) = 3.0 V
Cin = 1.0 mF
Figure 2. Dropout Voltage vs. Temperature
Figure 3. Output Voltage vs. Input Voltage
Figure 4. Quiescent Current vs. Temperature
Figure 5. Ground Pin Current vs. Output Current
Figure 6. Ground Pin Current vs. Input Voltage
Figure 7. Current Limit vs. Input Voltage
Vout(nom.) = 3.0 V


Similar Part No. - NCP511SN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511SN18T1G ONSEMI-NCP511SN18T1G Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511SN18T1G ONSEMI-NCP511SN18T1G Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
More results

Similar Description - NCP511SN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP551 ONSEMI-NCP551_06 Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP500 ONSEMI-NCP500_06 Datasheet
142Kb / 20P
   150 mA CMOS Low Noise Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 19
NCV4299 ONSEMI-NCV4299 Datasheet
165Kb / 23P
   150 mA Low?묭ropout Voltage Regulator
April, 2006 ??Rev. 16
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com