Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA-3318Z Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # CGA-3318Z
Description  Dual CATV Broadband High Linearity SiGe HBT Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

CGA-3318Z Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  CGA-3318Z Datasheet HTML 1Page - SIRENZA MICRODEVICES CGA-3318Z Datasheet HTML 2Page - SIRENZA MICRODEVICES CGA-3318Z Datasheet HTML 3Page - SIRENZA MICRODEVICES CGA-3318Z Datasheet HTML 4Page - SIRENZA MICRODEVICES CGA-3318Z Datasheet HTML 5Page - SIRENZA MICRODEVICES CGA-3318Z Datasheet HTML 6Page - SIRENZA MICRODEVICES CGA-3318Z Datasheet HTML 7Page - SIRENZA MICRODEVICES CGA-3318Z Datasheet HTML 8Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Broomfield, CO 80021
4
EDS-101993 Rev H
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
CGA-3318 Dual SiGe HBT Amplifier
CSO/CTB/XMOD Performance:
V
S=8V,
I
D=150mA @ TL=+25°C,
R
BIAS=51 Ohms, Push-Pull Config, 79 Ch. Flat Analog, No Digital Channels.
Push-Pull CTB vs. Pout and Frequency
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Frequency (MHz)
32dBmV
34dBmV
36dBmV
38dBmV
40dBmV
42dBmV
Push-Pull XMOD vs. Pout and Frequency
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Frequency (MHz)
32dBmV
34dBmV
36dBmV
38dBmV
40dBmV
42dBmV
Push-Pull CSO- vs. Pout and Frequency
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Frequency (MHz)
32dBmV
34dBmV
36dBmV
38dBmV
40dBmV
42dBmV
Push-Pull CSO+ vs. Pout and Frequency
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Frequency (MHz)
32dBmV
34dBmV
36dBmV
38dBmV
40dBmV
42dBmV
Note: CSO measurements > 85 dBc can be limited by system noise.


Similar Part No. - CGA-3318Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z Datasheet
297Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
CGA-3318Z RFMD-CGA-3318Z_12 Datasheet
417Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
More results

Similar Description - CGA-3318Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z_12 Datasheet
417Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
CGA-3318Z RFMD-CGA-3318Z Datasheet
297Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
logo
Stanford Microdevices
CGA-3318 STANFORD-CGA-3318 Datasheet
355Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
   DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
logo
RF Micro Devices
CGA-6618 RFMD-CGA-6618 Datasheet
427Kb / 10P
   DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
CGA-6618 SIRENZA-CGA-6618 Datasheet
297Kb / 8P
   Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
Freescale Semiconductor...
MMG3H21NT1 FREESCALE-MMG3H21NT1 Datasheet
287Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com