Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNL320 Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SNL320
Description  16-Bit LCD Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL320 Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SNL320 Datasheet HTML 5Page - SONiX Technology Company SNL320 Datasheet HTML 6Page - SONiX Technology Company SNL320 Datasheet HTML 7Page - SONiX Technology Company SNL320 Datasheet HTML 8Page - SONiX Technology Company SNL320 Datasheet HTML 9Page - SONiX Technology Company SNL320 Datasheet HTML 10Page - SONiX Technology Company SNL320 Datasheet HTML 11Page - SONiX Technology Company SNL320 Datasheet HTML 12Page - SONiX Technology Company SNL320 Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SNL320
16-Bit LCD Controller
5.1
Normal Mode
The normal mode means CPU main clock source is comes from 16MHZ Rosc or
crystal hi-speed clock source, so SNL320 is run in full speed. There are two pins option
“CKSEL” and “PLLEn” to select Rosc/crystal and enable/disable PLL circuit.
The detail setting of hi-speed clock is shown as following table.
CKSEL
PLLEn
Descriptions
0
0
16MHZ X’tal for hi-speed clock source
0
1
6MHZ X’tal and pumping to 16MHZ for hi-speed
clock source. (for USB application)
1
0
16MHZ Rosc for hi-speed clock source
1
1
reserved
5.2
Low-speed mode
This is a special operation mode of SNL320, the hi-speed clock is disable and main
clock of SNL320 is comes from low-speed clock source (32768HZ). It will save more
power consumption when chip works on this low-speed mode and this low-speed clock
can select 32768HZ crystal for clock source.
In additional, this low-speed clock also used to calibrate the hi-speed clock once the
high-speed clock source is comes from Rosc.
5.3
Stop Mode
In stop mode, all the system clocks are stop (16MZH & 32768HZ) and chip entry a very
low power consumption state. Chip will wake-up from stop mode once any IO state
change or external interrupt occurs.
5.4
Suspend Mode
In suspend mode, the hi-speed clock still working but chip is hold until any IO toggle or
external interrupt occurs. That means, the power consumption only come from
HXOSC circuit and LCD driver interface refresh circuit.
Ver: 1.2
8
July 22, 2005


Similar Part No. - SNL320

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNL310 SONIX-SNL310 Datasheet
739Kb / 24P
   16-bit LCD Controller
More results

Similar Description - SNL320

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNL310 SONIX-SNL310 Datasheet
739Kb / 24P
   16-bit LCD Controller
logo
Generalplus Technology ...
GPL169256A GENERALPLUS-GPL169256A Datasheet
1Mb / 17P
   16-bit LCD Controller with 2368 Dots Driver
GPL95100UA GENERALPLUS-GPL95100UA Datasheet
900Kb / 22P
   16--bit High--end Interactive LCD Toy & Game Controller
GPL95101UA GENERALPLUS-GPL95101UA Datasheet
779Kb / 18P
   High--end 16--bit Interactive LCD Toy & Game Controller
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
   16/32-bit System-on-Chip with Color LCD Controller
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Generalplus Technology ...
GPCE4XXXX GENERALPLUS-GPCE4XXXX Datasheet
1Mb / 49P
   16-bit Sound Controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
logo
LAPIS Semiconductor Co....
ML620Q151B LAPIS-ML620Q151B Datasheet
825Kb / 36P
   16-bit micro controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com