Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN6001 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCN6001
Description  Compact Smart Card Interface IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN6001 Datasheet(HTML) 3 Page - ON Semiconductor

  NCN6001_06 Datasheet HTML 1Page - ON Semiconductor NCN6001_06 Datasheet HTML 2Page - ON Semiconductor NCN6001_06 Datasheet HTML 3Page - ON Semiconductor NCN6001_06 Datasheet HTML 4Page - ON Semiconductor NCN6001_06 Datasheet HTML 5Page - ON Semiconductor NCN6001_06 Datasheet HTML 6Page - ON Semiconductor NCN6001_06 Datasheet HTML 7Page - ON Semiconductor NCN6001_06 Datasheet HTML 8Page - ON Semiconductor NCN6001_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
NCN6001
http://onsemi.com
3
PIN FUNCTIONS AND DESCRIPTION
Pin
Name
Type
Description
1
I/O
Input/Output
Pullup
This pin is connected to an external microcontroller interface. A bidirectional level
translator adapts the serial I/O signal between the smart card and the microcontroller.
The level translator is enabled when CS = L, the sub address has been selected and the
system operates in the Asynchronous mode. When a Synchronous card is in use, this pin
is disconnected and the data and the transaction take place with the MISO b3 register.
The internal pullup resistor connected on the
mC side is activated and visible by the
selected chip only.
2
INT
OUTPUT
Pullup
This pin is activated LOW when a card has been inserted and detected by CRD_DET pin.
Similarly, an interrupt is generated when the CRD_VCC output is overloaded, or when
the card has been extracted whatever be the transaction status (running or standby).
The INT signal is reset to High according to Table 7 and Figure 11. On the other hand, the
pin is forced to a logic High when the input voltage VCC drops below 2.0 V.
3
CLK_IN
CLOCK INPUT
High impedance
The built−in Schmitt trigger receiver makes this pin suitable for a large type of clock
signal (Figure 30). This pin can be connected to either the microcontroller master clock,
or to a crystal signal, to drive the external smart cards. The signal is fed to the internal
clock selector circuit and translated to the CRD_CLK pin at either the same frequency, or
divided by 2 or 4, depending upon the programming mode.
Note: The chip guarantees the EMV 50% Duty Cycle when the clock divider ratio is 1/2 or
1/4, even when the CLK_IN signal is out of the 45% to 55% range specified by ISO and
EMV specifications.
Care must be observed, at PCB level, to minimize the pick−up noise coming from the
CLK_IN line.
4
MOSI
INPUT
Master Out Slave In: SPI Data Input from the external microcontroller. This byte contents
the address of the selected chip among the four possible, together with the programming
code for a given interface.
5
CLK_SPI
INPUT
Clock Signal to synchronize the SPI data transfer. The built−in Schmitt trigger receiver
makes this pin compatible with a wide range of input clock signal (Figure 30). This clock
is fully independent from the CLK_IN signal and does not play any role with the data
transaction.
6
EN_RPU
INPUT, Logic
This pin is used to activate the I/O internal pullup resistor according to the here below
true table:
EN_RPU = Low
→ I/O Pullup resistor disconnected
EN_RPU = High
→ I/O Pullup resistor connected
When two or more NCN6001 chips shares the same I/O bus, one chip only shall have the
internal pullup resistor enabled to avoid any overload of the I/O line.
Moreover, when Asynchronous and Synchronous cards are handled by the interfaces,
the activated I/O pullup resistor must preferably be the one associated with the
Asynchronous circuit
.
On the other hand, since no internal pullup bias resistor is built in the chip, pin 6 must be
connected to the right voltage level to make sure the logic function is satisfied.
7
MISO
OUTPUT
Master In Slave Out: SPI Data Output from the NCN6001. This byte carries the state of
the interface, the serial transfer being achieved according to the programmed mode
(Table 2), using the same CLK_SPI signal and during the same MOSI time frame. The
three high bits [b7:b5] have no meaning and shall be discarded by the microcontroller. An
external 4.7 k
W Pull down resistor might be necessary to avoid misunderstanding of the
pin 7 voltage during the High Z state.
8
CS
INPUT
This pin synchronizes the SPI communication and provides the chip address and
selected functions.
All the NCN6001 functions, both programming and card transaction, are disabled when
CS = H.
9
VCC
POWER
This pin is connected to the NCN6001 supply voltage and must be bypassed to ground
by a 10
mF/6.0 V capacitor.
Since tantalum capacitors have relative high ESR, using low ESR ceramic type
(MURATA X5R, Resr < 100 m
W) is highly recommended.
10
Lout_H
POWER
The High Side of the external inductor is connected between this pin and Lout_L/pin 12 to
provide the DC/DC function. The current flowing into this inductor is internally sensed and
no external shunt resistor is used. Typically, Lout = 22
mH, with ESR < 2.0 W, yields a
good efficiency performance for a maximum 65 mA DC output load.
Note: The inductor shall be sized to handle the 450 mA peak current flowing during the
DC/DC operation (see CoilCraft manufacturer data sheet).


Similar Part No. - NCN6001_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6001_0610 ONSEMI-NCN6001_0610 Datasheet
475Kb / 4P
   Smartcard Interface ICs
Rev.1, Oct-2006
More results

Similar Description - NCN6001_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6001 ONSEMI-NCN6001 Datasheet
332Kb / 36P
   Compact Smart Card Interface IC
July, 2003 - Rev. 2
NCN8025 ONSEMI-NCN8025 Datasheet
190Kb / 15P
   Compact SMART CARD Interface IC
May, 2012 ??Rev. 4
NCN8025 ONSEMI-NCN8025_16 Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6000 ONSEMI-NCN6000 Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6001 ONSEMI-NCN6001_14 Datasheet
524Kb / 33P
   Compact Smart Card Interface IC
October, 2014 ??Rev. 6
NCN8025AMNGEVB ONSEMI-NCN8025AMNGEVB Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN8026A ONSEMI-NCN8026A Datasheet
166Kb / 14P
   Compact Low Power Smart Card Interface IC
January, 2013 ??Rev. 2
NCN8026A ONSEMI-NCN8026A_16 Datasheet
125Kb / 15P
   Compact Low Power Smart Card Interface IC
May, 2016 ??Rev. 7
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
   Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com